Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB1L63S Datasheet(PDF) 1 Page - GREATECS

Part # RB1L63S
Description  Rotary Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RB1L63S Datasheet(HTML) 1 Page - GREATECS

  RB1L63S Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rotary Switches
Rotary Switches
RB1 Series
sales@greatecs.com
www.greatecs.com
N
General Specifications:
Voltage Rating: 150 VDC
Current Rating: 130mA
Insulation Resistance: 100M
Ω Min.
Indexing Angle: 30°
Operating Life no load: 20,000 cycles Min.
Operating Life at Maxpower: 15,000 cycles Min.
Solder Specification: 250°C 5 seconds
Operating Force: 1 kgf_cm (Max.)
RB1
How to order:
1
2
3
S
N
CONTACTS:
Shorting (Make before break)
Non Shorting (Break before
make)
E
R
L
ACTUATOR:
Extended
Recessed
Extended with Alluminum Shaft
11
23
42
SWITCHING COMBINATION:
12
13
21
22
31
32
33
41
43
61
63
1
2
3
11 1 pole 1*2
12 1 pole 1*12
13 1 pole without stop
21 2 poles 2*2
22 2 poles 2*6
SWITCHING COMBINATION
ACTUATOR OPTIONS
20.1
P. C. MOUNTING
23 2 poles without stop 31 3 poles 3*2
32 3 poles 3*4
33 3 poles without stop
41 4 poles 4*2
42 4 poles 4*3
43 4 poles without stop
61 6 poles 6*2
63 6 poles without stop
E Extended Actuator
R Recessed Actuator
L Extended with Allu Shaft
1 pole
2 poles
3 poles
4 poles
6 poles


Similar Part No. - RB1L63S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB1-125BA ETC2-RB1-125BA Datasheet
462Kb / 11P
   MECHANICAL DIMENSION
RB1-125BAG1A ETC2-RB1-125BAG1A Datasheet
462Kb / 11P
   MECHANICAL DIMENSION
RB10-X331 ETC2-RB10-X331 Datasheet
633Kb / 14P
   Absorbing impact and noise
RB1006 ETC2-RB1006 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
RB1007 ETC2-RB1007 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
More results

Similar Description - RB1L63S

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
   ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
   ROTARY SWITCHES
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
   Rotary Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
   Rotary Switches
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
   Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
   ROTARY SWITCHES
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
   Rotary Encoder Switches
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com