Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB59MTAAPFNCJ Datasheet(PDF) 2 Page - GREATECS

Part # PB59MTAAPFNCJ
Description  Silent Pushbutton Switch with LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

PB59MTAAPFNCJ Datasheet(HTML) 2 Page - GREATECS

  PB59MTAAPFNCJ Datasheet HTML 1Page - GREATECS PB59MTAAPFNCJ Datasheet HTML 2Page - GREATECS PB59MTAAPFNCJ Datasheet HTML 3Page - GREATECS PB59MTAAPFNCJ Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pushbutton Switches
Silent Pushbutton Switch with LED
PB59 Series
sales@greatecs.com
www.greatecs.com
2
ITEM
TEST CONDITIONS
CRITERIA
5-1 CONTACT
RESISTANCE
DC 1.5V 100 mA BY METHOD OF
VOLTAGE DROP
200 m
MAX.
5-2 INSULATION
RESISTANCE
M
0
0
1
V
0
0
5
C
D
MIN.
5-3 DIELECTRIC
STRENGTH
AC 500V(50-60HZ) FOR 1 MINUTE
BREAKDOWN IS NOT
ALLOWABLE
6. MECHANICAL PERFORMANCE
ITEM
TEST CONDITIONS
CRITERIA
6-1 OPERATING
FORCE
ALONG THE DIRECTION TO APPLY A
STATIC LOAD AT END OF ACTUATOR
250
100gf
6.2 TRAVEL
4.5 0.2mm
6-3 SOLDERABILITY 260 5
IN 3 SECONDS
SOLDER COVERAGE 75%
MIN.
7. SOLDERING HEAT RESISTANCE
7.1. MANUAL: 300 5
IN 3 SECONDS
7.2. WAVE SOLDERING: 260 5
IN 3 SECONDS
SPECIFICATIONS


Similar Part No. - PB59MTAAPFNCJ

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB59 LUMILEDS-PB59 Datasheet
1Mb / 2P
   High flux solution for signaling applications
More results

Similar Description - PB59MTAAPFNCJ

ManufacturerPart #DatasheetDescription
logo
GREATECS
PB40 GREATECS-PB40 Datasheet
1Mb / 7P
   Illuminated Pushbutton Switch with LED
logo
C&K Components
QSA CK-COMPONENTS-QSA Datasheet
360Kb / 3P
   Silent Navigation Switch for SMT
PLP16 CK-COMPONENTS-PLP16 Datasheet
552Kb / 4P
   Panel Mount LED Sealed Pushbutton Switch
8 Nov 21
logo
Omron Electronics LLC
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
   Pushbutton Switch
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
   Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
   Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
   Pushbutton Switch
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
   Industrial Pushbutton Switch
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
   Backlit Pushbutton Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com