Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK2DL1Q4DBHN Datasheet(PDF) 1 Page - GREATECS

Part # RK2DL1Q4DBHN
Description  21 x 15 mm Rocker Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK2DL1Q4DBHN Datasheet(HTML) 1 Page - GREATECS

  RK2DL1Q4DBHN Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S
D
N
L
1
1
Q
QC
D
R
H
4
POLES:
Single Pole (SP)
Double Poles (DP)
ILLUMINATION:
No illuminated
Illuminated
SWITCHING:
ON - OFF
TERMINAL (See above drawings):
4.8mm TAB, 0.8mm THICK
4.8mm TAB, 0.8mm THICK with
Cross Barrier
Solder Tag
Thru Hole Right Angle
Thru Hole Straight
ACTUATOR (See above drawings):
Curve
A
B
C
D
E
F
A
H
B
A
F
E
N
W
ACTUATOR MARKING:
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
See above drawings
BASE COLOR:
Black
Grey
White
ACTUATOR COLOR:
Black
H Grey
B
White
Green
D Orange C
Red
Yellow
WATERPROOF COVER:
None Cover (Standard)
With Waterproof Cover
Rocker Switches
21 x 15 mm Rocker Switches
RK2 Series
RK2DL1Q4_ _ _ _N Soft Outlook; Cross Barrier
General Specifications:
FEATURES
» Single & double poles rocker switch up to 10(4)A
250VAC
MATERIALS
» Movable Contact Arm: Phosphorus bronze
» Contact: Silver alloy
» Terminal: Silver plated copper
MECHANICAL
» Temperature Range: -20°C to +125°C
ELECTRICAL
» Electrical Life: 10,000 cycles
» Rating: 12A125VAC, 10A250VAC 1/4HP
10A125VAC, 8A250VAC 1/4HP
10A250VAC
10(4)A250V~T125/55
» Initial Contact Resistance: 20m
max.
» Insulation Resistance: 100M
min. at 500VDC
RK2
How to order:
1
2
3
4
sales@greatecs.com
www.greatecs.com
6
5
7
8
9
ACTUATOR
4 Curve
RK2DN1QC4_ _ _ _N with Cross Barrier
ACTUATOR MARKING
A
B
C
D
E
F
TERMINAL
Q
4.8mm TAB,
0.8mm Thick
D
Solder Tag
R
Thru Hole
Right Angle
H
Thru Hole
Straight
4.0
5.2
12.6
8.0
12.90
2A
3B
4B
1A
CIRCUIT
25.00
4.00
5.20
19.00
6.00
9.00
21.00
4.00
5.20
15.00
9.00
PANEL CUT-OUT
Snap-in mounting
Y
X (Panal thickness)
Dimension Y
Dimension Z
0.75 to 1.25 mm
19.20 +0.1/-0 mm
12.90 +0.15/-0 mm
1.25 to 2 mm
19.40 +0.1/-0 mm
12.90 +0.15/-0 mm
2 to 3 mm
19.80 +0.1/-0 mm
12.90 +0.15/-0 mm
21
21.00
4.00
5.20
12.90
3.50
+0.5
-0
CIRCUIT
2A
3B
4B
1A
CIRCUIT
2A
3B
4B
1A
CIRCUIT
2A
3B
4B
1A
RK2DN1Q4_ _ _ _W with Waterproof Cover
RK2DN1R4_ _ _ _N THT Terminals Right Angle
1
2
3
4
5
6
7
8
9
SIZE
PANEL SIZE
B02


Similar Part No. - RK2DL1Q4DBHN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK203 ALPS-RK203 Datasheet
235Kb / 3P
   20mm Size Metal Shaft Type
RK203 ALPS-RK203 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
RK203110 ALPS-RK203110 Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
RK2031110 ALPS-RK2031110 Datasheet
235Kb / 3P
   20mm Size Metal Shaft Type
RK203111000V ALPS-RK203111000V Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
More results

Similar Description - RK2DL1Q4DBHN

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK4 GREATECS-RK4 Datasheet
481Kb / 1P
   21 x 15 mm SP Rocker Switches
RK3 GREATECS-RK3 Datasheet
222Kb / 1P
   21 x 15 mm SP illuminated Rocker Switches
RK5 GREATECS-RK5 Datasheet
203Kb / 1P
   21 x 15 mm DP Rocker Switch
RK6 GREATECS-RK6 Datasheet
144Kb / 1P
   21 x 9.5 mm Half Body SP Rocker Switches
RK11 GREATECS-RK11 Datasheet
363Kb / 1P
   32 x 25 mm illuminated Rocker Switches
RK10 GREATECS-RK10 Datasheet
426Kb / 1P
   31.5 x 17 mm SP illuminated Rocker Switches
RK9 GREATECS-RK9 Datasheet
484Kb / 1P
   32 x 16.5 mm SP illuminated Rocker Switches
RK8 GREATECS-RK8 Datasheet
129Kb / 1P
   15 x 10 mm SP Ultra Miniature Rocker Switch
RK12 GREATECS-RK12 Datasheet
213Kb / 1P
   23 mm Round illuminated Rocker Switches
logo
ITT Industries
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
   Rocker Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com