Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK15D1A1AGT7AGEV Datasheet(PDF) 2 Page - GREATECS

Part # RK15D1A1AGT7AGEV
Description  Sub-Miniature Rocker Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

RK15D1A1AGT7AGEV Datasheet(HTML) 2 Page - GREATECS

  RK15D1A1AGT7AGEV Datasheet HTML 1Page - GREATECS RK15D1A1AGT7AGEV Datasheet HTML 2Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sub-Miniature Rocker Switches
RK15 Series
Rocker Switches
sales@greatecs.com
www.greatecs.com
2
ACTUATOR OPTIONS
TERMINAL OPTIONS
T1
T2
SNAP - IN TERMINATION OPTIONS
Std. on SPDT models with T6 terminations
Std. all models except SPDT with T6 terminations
A1
A2
Solde Lug
P.C. Mount
T6N
T7N
V2N
V3N
RK15S1
RK15S2
RK15S3
RK15S4
RK15S5
RK15S6
RK15D1
RK15D2
RK15D3
RK15D6


Similar Part No. - RK15D1A1AGT7AGEV

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-12V NAIS-RK1-12V Datasheet
87Kb / 4P
   1.5 GHz MICROWAVE RELAY
logo
Advantech Co., Ltd.
RK1-1601 ADVANTECH-RK1-1601 Datasheet
426Kb / 2P
   Keyboard Drawer & KVM Benefits
RK1-1602 ADVANTECH-RK1-1602 Datasheet
426Kb / 2P
   Keyboard Drawer & KVM Benefits
logo
Nais(Matsushita Electri...
RK1-24V NAIS-RK1-24V Datasheet
87Kb / 4P
   1.5 GHz MICROWAVE RELAY
More results

Similar Description - RK15D1A1AGT7AGEV

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
E-SWITCH
400 E-SWITCH-400 Datasheet
699Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
400A E-SWITCH-400A Datasheet
485Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
logo
GREATECS
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com