Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB54MD2NS6SNB Datasheet(PDF) 1 Page - GREATECS

Part # SB54MD2NS6SNB
Description  SMT Slide Switches with LED Illumination
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

SB54MD2NS6SNB Datasheet(HTML) 1 Page - GREATECS

  SB54MD2NS6SNB Datasheet HTML 1Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Slide Switches
SMT Slide Switches with LED Illumination
SB54 Series
sales@greatecs.com
www.greatecs.com
SB54
How to order:
General Specifications:
1
2
3
D
POLE:
2 Poles
2
N
TIMING:
Non-Shorting
4
4
M
TERMINATION:
SMT
1
S
FRAME:
Standard Type
5
2
POSITION:
2 Positions
3
5
6
ACTUATOR MATERIAL:
6
7
6
PA6T
COLOR OF LED:
9
N
G
F
C
B
E
Without LED
Blue
Green
Red
White
Yellow
8
9
ACTUATOR TYPE:
7
S
L = 1.2 mm (Standard)
BRIGHTNESS LED:
8
N
S
Without LED
Ultra Bright (Standard)
CIRCUIT
P.C.B. LAYOUT
> Poles: 3P2T
> Actuating: Slide Switch Momentary
> Contact Rating: 0.3A 6VDC
> Contact Resistance: 50 mohm Max.
> Insulation Resistance: 100 Mohm Min. at 500VDC
> Dielectric Strength: 500 VAC for 1 Minute
> Operating Force: 200 gf
> Operating Live: 10,000 Cycles
> Operating Temperature: -20°C to +70°C
> Total Travel: 2.0mm +/- 0.2mm


Similar Part No. - SB54MD2NS6SNB

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SB54 BWTECH-SB54 Datasheet
357Kb / 4P
   5.0 Amp Schottky Barrier Rectifiers
logo
Gulf Semiconductor
SB54-C GULFSEMI-SB54-C Datasheet
87Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:30 TO 40V CURRENT: 5.0A
logo
Shenzhen Luguang Electr...
SB540 LUGUANG-SB540 Datasheet
176Kb / 2P
   Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
SB540 SAMYANG-SB540 Datasheet
479Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SB540 SHUNYE-SB540 Datasheet
233Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB54MD2NS6SNB

ManufacturerPart #DatasheetDescription
logo
GREATECS
SB39 GREATECS-SB39 Datasheet
444Kb / 2P
   Miniature SMT Slide Switches
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
   SPST SMT Tactile Switches with LED
TPA00 GREATECS-TPA00 Datasheet
2Mb / 7P
   SPST SMT Tactile Switches with LED
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com