Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11S5A1B1T1AGE Datasheet(PDF) 4 Page - GREATECS

Part # TK11S5A1B1T1AGE
Description  Miniature SPDT Toggle Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TK11S5A1B1T1AGE Datasheet(HTML) 4 Page - GREATECS

  TK11S5A1B1T1AGE Datasheet HTML 1Page - GREATECS TK11S5A1B1T1AGE Datasheet HTML 2Page - GREATECS TK11S5A1B1T1AGE Datasheet HTML 3Page - GREATECS TK11S5A1B1T1AGE Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Toggle Switches
Additional Informations for TK11, 12 & 13 Series
sales@greatecs.com
www.greatecs.com
ACTUATOR OPTIONS
A1(Standard)
A2
A3
A4
A5
Actuators A1~A5: Shown with standard B1 bushing; +1.78mm for B3 bushing; -0.51mm for B6 bushing.
A6
A61
A62
A7
A8
A9
Actuators A6, A61 & A62:
Flatted with Antirotation;
Use with bushings B11, B12, B15 & B16 only.
Actuators A7 & A8:
Use with B13 bushing;
Use with B18 & B20, the lever is antirotation.
Actuator A9:
B1/B2 bushing standard;
with black & red color only.
AA
A11
AL1
AL2
Actuator AA:
Use with B18 bushing
only.
Actuators A11: Shown with standard B1 bushing;
+1.78mm for B3 bushing; -0.51mm for B6 bushing;
Standard for T1 & T2 terminal; -0.40mm for T6, T7 & VS2.
13.97
Ø3.30
Ø3.30
16.26
21.34
Ø3.30
10.41
Ø2.92
A1: No Cap (Standard)
A1A: Black Plastic
A1B: White Plastic
A1C: Red Plastic
A1D: Orange Plastic
A1E: Yellow Plastic
A1F: Green Plastic
A1G: Blue Plastic
A1K: Brown Plastic
A1H: Gray Plastic
9.73
TOGGLE CAP
5.08
Ø2.67
7.92
TOGGLE CAP
A2: No Cap (Standard)
A2A: Black Plastic
A2B: White Plastic
A2C: Red Plastic
A2D: Orange Plastic
A2E: Yellow Plastic
A2F: Green Plastic
A2G: Blue Plastic
A2K: Brown Plastic
A2H: Gray Plastic
2.54
12.30
Ø5.08
2.54
21.0
Ø5.08
4.98
1.91
13.49
12.12
6.48
12.37
11.38
Ø6.09
0.51
17.56
11.38
Ø6.09
0.51
21.34
16.38
Ø3.28
Gloss Finish
Plastic
Chrome
Finish
BLACK PLASTIC
11.38
26.30
10.50
3.60
10.00
11.80
TOGGLE CAP
10.00
A11: No Cap (Standard)
A11A: Black Plastic
A11B: White Plastic
A11C: Red Plastic
A11D: Orange Plastic
A11E: Yellow Plastic
A11F: Green Plastic
A11G: Blue Plastic
A11K: Brown Plastic
A11H: Gray Plastic
16.00
unlocked
14.40
locked
5.44
1.40
8.00
1/4-40
UNS-2A
16.26
unlocked
14.73
locked
5.44
1.40
8.00
1/4-40
UNS-2A
2 positions lock
3 positions lock
BUSHING OPTIONS
B1(THD STD)
B2(Non-THD)
B3(THD STD)
B4(Non-THD)
B5(High Torque)
B6(High Torque)
B7(THD STD)
B8(Metric THD)
B11(THD)
B12(Non-THD)
B15(THD)
B16(Non-THD)
B4 is standard for
terminals T6, T7, VS.
B11, B12, B15 & B16:
Use with actuator A6 only
B9(Splash Proof)
O-ring A
O-ring B
supplied with B9 bushing
B17
B13
B18
B20
B13: Use with actuators A7 & A8 only; Bear strength from top of actuator up to 10kg aside up to 15kg.
B18: Use with actuators A7, A8 & A10 only; With plastic (teflon) insert;
Bear strength from top of actuator up to 20kg aside up to 15kg.
B20: Use with actuators A7, A8 & A10 only; Bear strength from top of actuator up to 20kg aside up to
15kg.
8.89
0.71
1.02
1/4-40
UNS-2A
7.10
0.71
1.02
1/4-40
UNS-2A
7.52
5.72
1/4-40
UNS-2A
0.51
1.02
Ø7.98
8.00
1.02
1/4-40
UNS-2A
0.51
1.02
Ø7.98
0.71
5.72
8.89
1/4-40
UNS-2A
1/4-40
UNS-2A
1.02
0.71
8.90
M6P
0.75
THD
1/4-40
UNS-2A
1.02
Ø7.98
0.71
7.55
1.44
1/4-40
UNS-2A
Ø7.98
5.72
7.55
1.44
SEALS
1/4-40
UNS-2A
Ø11.81
5.72
7.52
0.51
1.44
0.50
0.80
Ø10.05
Ø10.20
0.83
1.35
3.50
Ø6.35
1/4-40
UNS-2A
1.02
0.79
1.65
11.38
0.51
12/32-32
UNS-2A
0.79
1.65
11.38
0.51
12/32-32
UNS-2A
TEFLON
0.79
1.65
11.38
0.51
12/32-32
UNS-2A
TERMINAL OPTIONS
T1 Solder Lug
T2 THT
T3 Quick Connect
T5 Wire Wrap
T6N Right Angle, Snap-in, THT
V2N Snap-in, V-Bracket
2.03
1.19
3.96
1.98
1.27
6.35
4.80
4.80
6.35
1.57
EPOXY
SEAL
1.27
1.91
Length
A04


Similar Part No. - TK11S5A1B1T1AGE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK11S10N1L TOSHIBA-TK11S10N1L Datasheet
438Kb / 9P
   MOSFETs Silicon N-channel MOS (U-MOS??H)
2020-06-24 Rev.4.0
More results

Similar Description - TK11S5A1B1T1AGE

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
   Sub-Miniature SPDT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com