Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK31S1A1B1T1UGTEV Datasheet(PDF) 3 Page - GREATECS

Part # TK31S1A1B1T1UGTEV
Description  Sub-Miniature SPDT Toggle Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TK31S1A1B1T1UGTEV Datasheet(HTML) 3 Page - GREATECS

  TK31S1A1B1T1UGTEV Datasheet HTML 1Page - GREATECS TK31S1A1B1T1UGTEV Datasheet HTML 2Page - GREATECS TK31S1A1B1T1UGTEV Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Toggle Switches
Additional Informations for TK31 & 32 Series
sales@greatecs.com
www.greatecs.com
ACTUATOR OPTIONS
BUSHING OPTIONS
TERMINAL OPTIONS
A1
A2
A3
A4
A5
Actuators A1, A2 & A3 shown with B1 to B4 bushing, subtract 2.29mm for B5 bushing, subtract 1.02 for
B7 bushing.
Actuators A4 & A5 shown with B5 & B6 bushing, add 2.29mm for B1 to
B3 bushing, add 1.27mm for B7 bushing.
9.40
Ø2.54
5.59
5.33
Ø2.54
5.59
Ø2.54
7.37
5.59
Ø2.54
10.41
7.87
Ø2.54
5.59
7.87
B1 (THD) & B2 (NON-THD)
B3 (THD) & B4 (NON-THD)
B5 (THD) & B6 (NON-THD)
B7 (THD) & B8 (NON-THD
Ø6.00
4.39
0.51
10-48 UNS
5.59
Ø6.00
0.38
0.70
0.51
10-48 UNS
5.59
5.72
Ø7.10
1/4-40 UNS
0.51
7.87
6.20
Ø7.10
1.02
0.71
1/4-40 UNS
6.60
0.51
T1 (Single Pole, 0.51 thick)
T1 (Double Pole, 0.51 thick)
T2 (Single Pole, 0.51 thick)
T2 (Double Pole, 0.51 thick)
T6N
T7N
V2N
V3N
2.79
1.53
4.06
0.76
1.52
EPOXY
SEAL
EPOXY
SEAL
4.06
4.06
1.52
0.76
2.79
EPOXY
SEAL
3.30
0.76
EPOXY
SEAL
3.30
5.08
0.76
PANEL MOUNTING
HARDWARE
Ring
Locking Ring 0.46mm thick
7.14
8.23
10-48 UNS-2A
1.19
Ø7.87
10-48 Bushing without locking ring
10-48 Bushing with locking ring
1/4 In. Bushing without locking ring
1/4 In. Bushing with locking ring
Ø4.95
0.25
0.58
Ø4.95
4.55
Ø4.95
Ø2.38
6.10
Ø6.35
Ø6.35
0.85
0.55
5.95
Ø6.35
Ø2.38
6.10
A11


Similar Part No. - TK31S1A1B1T1UGTEV

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TK31 EXTECH-TK31 Datasheet
171Kb / 1P
   Kit is an ideal accessory to most multimeters
TK31A EXTECH-TK31A Datasheet
171Kb / 1P
   Kit is an ideal accessory to most multimeters
logo
Toshiba Semiconductor
TK31A60W TOSHIBA-TK31A60W Datasheet
256Kb / 10P
   Switching Voltage Regulators
logo
Inchange Semiconductor ...
TK31A60W ISC-TK31A60W Datasheet
343Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
TK31E60W TOSHIBA-TK31E60W Datasheet
263Kb / 10P
   Switching Voltage Regulators
More results

Similar Description - TK31S1A1B1T1UGTEV

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
E-SWITCH
200A E-SWITCH-200A Datasheet
414Kb / 4P
   TOGGLE SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
34CWSP12B4M2RT GRAYHILL-34CWSP12B4M2RT Datasheet
201Kb / 4P
   Sub-Miniature Toggle Switches
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
   TOGGLE SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
   Toggle Switches Sub-Miniature
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
ES30-T DBLECTRO-ES30-T Datasheet
180Kb / 3P
   Sub-Miniature Toggle Switches (washable)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com