Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZ1.5A360 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SZ1.5A360
Description  HIGH VOLTAGE ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ1.5A360 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SZ1.5A360 Datasheet HTML 1Page - Solid States Devices, Inc SZ1.5A360 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00017A
DOC
CASE OUTLINE: AXIAL
3/
CASE OUTLINE: ROUND TAB (SM)
3/
CASE OUTLINE: SQUARE TAB (SMS)
3/
DIM
MIN
MAX
A
---
.085”
B
.130”
.175”
C
1.00”
---
D
.028”
.034”
DIM
MIN
MAX
A
.077”
.083”
B
.130”
.146”
C
.010”
.022”
D
+.000”
---
DIM
MIN
MAX
A
.090”
.100”
B
.175”
.215”
C
.022”
.028”
D
.002”
---
All dimensions are prior to soldering
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZ1.5A220 thru SZ1.5B510
Table 1
PART
NUMBER
VOLTAGE TOLERANCE
ELECTRICAL SPECIFICATIONS @ 25°C
MAXIMUM RATINGS
Nominal
Zener
Voltage
4/
Zener
Test
Current
Maximum
Zener
Impedance
5/
Maximum Reverse
Leakage Current
Typical
Temperature
Coefficient
Maximum
Continuous
Current
Maximum
Surge
Current
6/
VZ @ IZT
IZT
ZZ @ IZT
IR @ VR
VR
TC @ IZT
IZM
Izsm
10%
5%
VOLT
mA
Ohms
µA
10%(A)
5%(B)
%/°C
mA
Amps
SZ1.5A220
SZ1.5A240
SZ1.5A270
SZ1.5A300
SZ1.5A330
SZ1.5B220
SZ1.5B240
SZ1.5B270
SZ1.5B300
SZ1.5B330
220
240
270
300
330
2
2
2
2
2
1850
2050
2300
2700
2900
1
1
1
1
1
152
171
190
210
230
160
180
200
220
240
.13
.13
.13
.14
.14
6.8
6.3
5.6
5.0
4.5
0.09
0.09
0.08
0.07
0.07
SZ1.5A360
SZ1.5A390
SZ1.5A430
SZ1.5A470
SZ1.5A510
SZ1.5B360
SZ1.5B390
SZ1.5B430
SZ1.5B470
SZ1.5B510
360
390
430
470
510
2
2
2
2
2
3300
3900
4500
5200
5900
1
1
1
1
1
260
290
310
340
370
270
300
330
360
390
.14
.14
.15
.15
.16
4.2
3.8
3.5
3.2
2.9
0.06
0.06
0.05
0.05
0.04


Similar Part No. - SZ1.5A360

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
SZ1.5SMC6.8AT3G ONSEMI-SZ1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
More results

Similar Description - SZ1.5A360

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MM5Z2V4 CHENDA-MM5Z2V4 Datasheet
369Kb / 4P
   Zener Voltage Diodes
logo
Microsemi Corporation
1N4057 MICROSEMI-1N4057 Datasheet
78Kb / 2P
   HIGH VOLTAGE TEMPERATURE COMPENSATED ZENER DIODES
logo
AiT Semiconductor Inc.
M5Z15V AITSEMI-M5Z15V Datasheet
572Kb / 8P
   ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
M5Z8V2 AITSEMI-M5Z8V2 Datasheet
572Kb / 8P
   ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com