Selected language     English  ▼


BC107 Datasheet(PDF) 1 Page - Seme LAB

Part No. BC107
Description  GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo 

   
 1 page
background image
BC107
BC108
BC109
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
3/99
GENERAL PURPOSE
SMALL SIGNAL
NPN BIPOLAR TRANSISTOR
FEATURES
• SILICON NPN
• HERMETICALLY SEALED TO18
• SCREENING OPTIONS AVAILABLE
VCBO
Collector – Base Continuous Voltage
BC017
BC108, BC109
VCEO
Collector – Emitter Continuous Voltage With Zero Base Current BC107
BC108, BC109
VCES
Collector – Emitter Continuous Voltage With Base Shortcircuited to Emitter
BC107
BC108, BC109
VEBO
Emitter – Base Continuous Voltage Reverse Voltage
BC107
BC108, BC109
IC
Continuous Collector Current
ICM
Peak Collector Current
Ptot
Power Dissipation @ Tamb = 25°C
Tamb
Ambient Operating Temperature Range
Tstg
Storage Temperature Range
50V
30V
45V
20V
50V
30V
6V
5V
100mA
200mA
300mW
-65 to +175°C
-65 to +175°C
MECHANICAL DATA
Dimensions in mm (inches)
TO–18 METAL PACKAGE
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
PIN 1 – Emitter
Underside View
PIN 2 – Base
PIN 3 – Collector
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N918CSMGENERAL PURPOSE SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
PN5135NPN Small Signal General Purpose Amplifiers 1 2 3 4 5 MoreFairchild Semiconductor
2SC5343NPN Silicon Transistor General small signal amplifier 1 2 3 4 AUK corp
2SC5343ENPN Silicon Transistor General small signal amplifier 1 2 3 4 AUK corp
AT-41511General Purpose Low Noise NPN Silicon Bipolar Transistor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
2SC5343EFNPN Silicon Transistor General small signal amplifier 1 2 3 4 AUK corp
2N718ANPN Small Signal General Purpose Amplifiers 1 2 3 4 5 MoreFairchild Semiconductor
MPS2924NPN Small Signal General Purpose Amplifier 1 Fairchild Semiconductor
2SC5343MNPN Silicon Transistor General small signal amplifier 1 2 3 4 AUK corp
MPS3392NPN Small Signal General Purpose Amplifiers 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl