Selected language     English  ▼


BC107 Datasheet(PDF) 2 Page - Seme LAB

Part No. BC107
Description  GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEME-LAB [Seme LAB]
Homepage  http://www.semelab.co.uk
Logo 

   
 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BC107
BC108
BC109
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
3/99
VCB = 45V
BC107
VCB = 25V
BC108, BC109
VCB = 45V
BC107
VCB = 25V
BC108, BC109
VEB = 4V
IC = 0
VCE = 5V
IC = 2mA
Group A
BC107, BC108
Group B
All Types
Group C
BC108, BC109
BC107
BC108
BC109
VCE = 5V
IC = 2mA
IB = 0.5mA
IC = 10mA
IB = 0.5mA
IC = 10mA
VCE = 5V
IC = 10mA
f = 100MHz
VCE = 5V
IC = 0.2mA
R = 2k
Ω f =1kH
z ∆F=200Hz
BC109
BC107, BC108
VCE = 5V IC = 2mA f =100kHz
Group A
BC107, BC108
Group B
All Types
Group C
BC108, BC109
BC107
BC108
BC109
VCE = 5V IC = 2mA f = 1kHz
Group A
BC107, BC108
Group B
All Types
Group C
BC108, BC109
VCE = 5V IC = 2mA f = 1kHz
Group A
BC107, BC108
Group B
All Types
Group C
BC108, BC109
VCB = 10V
f = 1MHz
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
ICBO(1)
Collector-Base Leakage Current
ICBO(1)
Collector-Emitter Leakage Current
@Tamb =125°C
IEBO
Emitter Cut-off Current
h21E
Static Forward Current Transfer Ratio
VBE
Base – Emitter Breakdown
VBE(sat)(1) Base – Emitter Saturation Voltage
VCE(sat)(1) Collector – Emitter Saturation Voltage
fT
Transition Frequency
F
Noise Factor
h21e
Small Signal Forward Current Transfer
Ratio
h11e
Common Emitter Input Impedance
h22e
Common Emitter Output Admittance
C22b
Common Base Output Capacitance
Rth(j-amb)
Thermal Resistance: Junction to
Ambient
15
15
4
4
1
110
220
180
460
380
800
110
460
110
800
180
800
0.7
0.83
0.25
150
4
10
125
260
240
500
450
900
125
500
125
900
240
900
1.6
4.5
3.2
8.5
6.0
15
30
60
110
6
500
nA
µA
µA
V
V
V
MHz
dB
k
µS
pF
°C/W




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N918CSMGENERAL PURPOSE SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
PN5135NPN Small Signal General Purpose Amplifiers 1 2 3 4 5 MoreFairchild Semiconductor
2SC5343NPN Silicon Transistor General small signal amplifier 1 2 3 4 AUK corp
2SC5343ENPN Silicon Transistor General small signal amplifier 1 2 3 4 AUK corp
AT-41511General Purpose Low Noise NPN Silicon Bipolar Transistor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
2SC5343EFNPN Silicon Transistor General small signal amplifier 1 2 3 4 AUK corp
2N718ANPN Small Signal General Purpose Amplifiers 1 2 3 4 5 MoreFairchild Semiconductor
MPS2924NPN Small Signal General Purpose Amplifier 1 Fairchild Semiconductor
2SC5343MNPN Silicon Transistor General small signal amplifier 1 2 3 4 AUK corp
MPS3392NPN Small Signal General Purpose Amplifiers 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl