Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZN5078 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SZN5078
Description  6.8 ??400 VOLTS ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZN5078 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SZN5078 Datasheet HTML 1Page - Solid States Devices, Inc SZN5078 Datasheet HTML 2Page - Solid States Devices, Inc SZN5078 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
FEATURES:
Hermetically Sealed in Glass
(Available in Frit Glass see SSDI datasheet # Z00004)
Rated at 3.0 W
Available in Axial, Round Tab Surface Mount (SM) and
Square Tab Surface Mount (SMS) version
Available to TX, TXV, and Space Levels
7/
Zener Voltage, 10%, 5%, 2% or 1% Tolerance
Replacement for 1N5063 thru 5117
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Maximum Ratings
Symbol
Value
Units
Nominal Zener Voltage
VZ
6.8 - 400
V
Maximum Zener Current
IZM
7.0 - 440
mA
Forward Surge Current
(8.3 msec Puls)
IFSM
.06 – 10
A
Continuous Power
PD
3.0
W
Operating and Storage Temp.
Top
Tstg
-65 to +175
-65 to +200
ºC
Thermal Resistance,
Junction to Lead
L=3/8” (Axial)
RθJL
65
ºC/W
Thermal Resistance,
Junction to End Cap
(SM / SMS)
RθJE
30
ºC/W
Part Number/Ordering Information 6/
SZN __
__
__
__
Screening 7/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SM = Surface Mount Round Tab
SMS = Surface Mount Square Tab
Tolerance
A = 10%
B = 5% ( JEDEC Registration)
C = 2 %
D = 1%
Voltage/Family
5063 thru 5117
SZN5063 thru SZN5117 Series
3.0 WATT
6.8 – 400 VOLTS
ZENER DIODES
AXIAL (__)
DIM
MIN.
MAX
A
.055”
.085”
B
.130”
.175”
C
1.00”
---
D
.028”
.034”
ROUND TAB (SM)
DIM
MIN.
MAX.
A
.077”
.083”
B
.130”
.146”
C
.010”
.022”
D
+.000”
---
SQUARE TAB (SMS)
DIM
MIN.
MAX.
A
.090”
.100”
B
.175”
.215”
C
.022”
.028”
D
Body to Tab
Clearance: .001”
All dimensions are prior to soldering
DATA SHEET #: Z00009E
DOC


Similar Part No. - SZN5078

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5914 SSDI-SZN5914 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5915 SSDI-SZN5915 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5916 SSDI-SZN5916 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN5917 SSDI-SZN5917 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
More results

Similar Description - SZN5078

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN4954 SSDI-SZN4954 Datasheet
204Kb / 3P
   6.8 ??390 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706_1 Datasheet
120Kb / 2P
   6.8 ??270 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706 Datasheet
88Kb / 2P
   5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
Z00007G SSDI-Z00007G Datasheet
120Kb / 2P
   5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
Z00010D SSDI-Z00010D Datasheet
204Kb / 3P
   5 W 6.8 ??390 VOLTS ZENER DIODES
logo
GOOD-ARK Electronics
1N957 GOOD-ARK-1N957_15 Datasheet
59Kb / 2P
   Zener Diodes Nominal Zener Voltage 6.8 to 91 Volts Power Dissipation 500mW
logo
Micro Commercial Compon...
P4KE68 MCC-P4KE68 Datasheet
53Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
1.5KE6.8 YFWDIODE-1.5KE6.8 Datasheet
433Kb / 6P
   1500 Transieny Voltage Suppressors 6.8 to 400 Volts
logo
Central Semiconductor C...
CLL4099 CENTRAL-CLL4099_10 Datasheet
307Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com