Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZN6319 Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # SZN6319
Description  2.4 ??200 VOLTS ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZN6319 Datasheet(HTML) 3 Page - Solid States Devices, Inc

  SZN6319 Datasheet HTML 1Page - Solid States Devices, Inc SZN6319 Datasheet HTML 2Page - Solid States Devices, Inc SZN6319 Datasheet HTML 3Page - Solid States Devices, Inc SZN6319 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00011F
DOC
Electrical Characteristics @ 25°C
PART
NUMBER
VZ2
VZ1
IZ1
ZZT
ZZK
IZM
VZ(reg)
5/
IZSM
VR
IR1
IR2
ND
α VZ
@ IZ1
3/ 4/
@ 250
μA
Test
Current
@ IZ1
@ 250
µA
Max DC
current
@ 10
to 50%
of IZM
Peak
Surge
(square)
Test
Voltage
@ VR
@ VR
TA=
+150°C
@ 250
µA
1-3 kHz
@ IZ1
T1= +25°C
T2=
+125°C
Nom
Min
Max
Max
Max
Rating
Max
Max
Max
Max
V
V
mA
mA
V
A
V
µA
µA
µV√Hz
%/°C
SZN6334
SZN6335
SZN6336
SZN6337
SZN6338
27.0
30.0
33.0
36.0
39.0
25.2
28.0
30.9
33.7
36.6
4.6
4.2
3.8
3.4
3.2
27
32
40
50
55
800
800
1000
1000
1000
16
14
13
12.0
11.0
1.30
1.45
1.60
1.75
1.90
0.35
0.31
0.28
0.260
0.240
21.0
23.0
25.0
27.0
30
0.05
0.05
0.05
0.05
0.05
10
10
10
10
10
100
100
100
100
100
+.090
+.091
+.092
+.093
+.094
SZN6339
SZN6340
SZN6341
SZN6342
SZN6343
43.0
47.0
51.0
56.0
32.0
40.4
44.2
48.0
52.7
58.4
3.0
2.7
2.5
2.2
2.0
65
75
85
100
125
1000
1000
1000
1200
1300
9.9
9.0
8.3
7.6
6.8
2.10
2.25
2.50
2.70
2.90
0.220
0.200
0.180
0.170
0.150
33
36
39
43
47
0.05
0.05
0.05
0.05
0.05
10
10
10
10
10
80
80
80
80
80
+.095
+.095
+.096
+.097
+.099
SZN6344
SZN6345
SZN6346
SZN6347
SZN6348
68.0
75.0
82.0
91.0
100.0
64.1
70.8
77.4
86.0
94.5
1.8
1.7
1.5
1.4
1.3
155
180
220
270
340
1500
1600
1800
2100
2400
6.3
5.7
5.2
4.7
4.3
3.20
3.40
3.80
4.20
4.40
0.130
0.125
0.115
0.100
0.095
52
56
62
69
76
0.05
0.05
0.05
0.05
0.05
10
10
10
10
10
80
80
80
80
80
+.101
+.103
+.105
+.108
+.110
SZN6349
SZN6350
SZN6351
SZN6352
SZN6353
110.0
120.0
130.0
150.0
160.0
104.0
113.0
122
141
151
1.1
1.0
0.95
0.85
0.80
500
600
850
1000
1200
2800
3200
4100
4500
5000
3.9
3.5
3.3
2.8
2.7
4.80
5.20
5.60
7.00
7.50
0.085
0.080
0.070
0.065
0.060
84
91
99
114
122
0.05
0.05
0.05
0.05
0.05
10
10
10
10
10
80
80
80
80
80
+.110
+.110
+.110
+.110
+.110
SZN6354
SZN6355
180.0
200.0
170
189
0.68
0.65
1500
1800
5600
6500
2.4
2.1
9.00
12.00
0.050
0.045
137
152
0.05
0.05
10
10
80
80
+.110
+.110
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZN6309 thru SZN6355 Series


Similar Part No. - SZN6319

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN6485 SSDI-SZN6485 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN6485 SSDI-SZN6485 Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
SZN6486 SSDI-SZN6486 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN6487 SSDI-SZN6487 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN6488 SSDI-SZN6488 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
More results

Similar Description - SZN6319

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
New Jersey Semi-Conduct...
1N5221A NJSEMI-1N5221A Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4 Datasheet
112Kb / 2P
   500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
Solid States Devices, I...
SZ25A2.4 SSDI-SZ25A2.4_1 Datasheet
127Kb / 2P
   2.4 ??43 VOLTS ZENER DIODES
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
logo
Solid States Devices, I...
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
BZT52B2V4LS MCC-BZT52B2V4LS Datasheet
607Kb / 4P
   200 mW Zener Diode 2.4~75 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com