Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YOD1B Datasheet(PDF) 4 Page - GREATECS

Part # YOD1B
Description  96RGBx64 (0.95") OLED Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

YOD1B Datasheet(HTML) 4 Page - GREATECS

  YOD1B Datasheet HTML 1Page - GREATECS YOD1B Datasheet HTML 2Page - GREATECS YOD1B Datasheet HTML 3Page - GREATECS YOD1B Datasheet HTML 4Page - GREATECS YOD1B Datasheet HTML 5Page - GREATECS YOD1B Datasheet HTML 6Page - GREATECS YOD1B Datasheet HTML 7Page - GREATECS YOD1B Datasheet HTML 8Page - GREATECS YOD1B Datasheet HTML 9Page - GREATECS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
OLED Push Switches
96RGBx64 (0.95”) OLED Switches
YOD1B
sales@greatecs.com
www.greatecs.com
4
ELECTRICAL CHARACTERISTICS
1
DC Characteristics
Characteristics
Symbol
Conditions
Min
TYP
Max
Unit
Supply Voltage
VDD
2.4
2.8
3.5
V
Driver Supply Voltage
VCC
Note 3
-
14.0
-
V
High Level Input
VIH
Iout = 100 A, 3.3MHz
0.8×VDD
-VDD
V
Low Level Input
VIL
Iout = 100 A, 3.3MHz
0
-
0.2×VDD
V
High Level output
VOH
Iout = 100 A, 3.3MHz
0.9×VDD
-VDD
V
Low Level output
VOL
Iout = 100 A, 3.3MHz
0
-
0.1×VDD
V
Operating Current for VDD
IDD
Note 4
Note 5
-
0.2
0.2
0.6
0.6
mA
mA
Operating Current for VCC
ICC
Note 4
Note 5
-
8
13.5
11
18
mA
mA
Sleep Mode Current for
VDD
IDD,
SLEEP
-1
2
A
Sleep Mode Current for
VCC
Icc,
SLEEP
2
2
A
Note 3: Brightness (Lbr) and Driver Supply Voltage (Vcc) are subject to the change of
the panel characteristics and the customer’s request.
Note 4: VDD = 2.8V, VCC = 14V, 50% Display Area Turn on.
Note 5: VDD = 2.8V, VCC = 14V, 100% Display Area Turn on.
2
Optics Characteristics
Characteristics
Symbol
Conditions
Min
Typ
Max
Unit
Brightness (White)
Lbr
With Polarizer
(Note3 )
80
100
-
cd
C.I.E. (White)
(x)
(y)
With Polarizer
0.26
0.30
0.30
0.33
0.34
0.36
C.I.E. (Red)
(x)
(y)
With Polarizer
0.57
0.30
0.61
0.34
0.65
0.38
C.I.E. (Green)
(x)
(y)
With Polarizer
0.26
0.58
0.30
0.62
0.34
0.66
C.I.E. (Blue)
(x)
(y)
With Polarizer
0.10
0.14
0.14
0.18
0.18
0.22
Dark Room Contrast
CR
-
>1000:1
-
View Angle
>160
-
-
degree
* Optical measurement taken at VDD = 2.8V, VCC = 14V.


Similar Part No. - YOD1B

ManufacturerPart #DatasheetDescription
logo
GREATECS
YOD1A GREATECS-YOD1A Datasheet
356Kb / 12P
   64x48 Monochrome (0.66") OLED Switches
YOD1C GREATECS-YOD1C Datasheet
295Kb / 11P
   96RGBx96 (1.10") OLED Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com