Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZN4487 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SZN4487
Description  3.3 ??200 VOLTS ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZN4487 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SZN4487 Datasheet HTML 1Page - Solid States Devices, Inc SZN4487 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
FEATURES:
Hermetically Sealed in Glass
Rated at 1.5 W
Available in Axial, Round Tab Surface Mount (SM), and
Square Tab Surface Mount (SMS) version
Available to TX, TXV, and Space Levels 7/
Tolerances of 5%, 2%, or 1% Available.
Replaces 1N4460 – 4496 and 1N6485 - 6491
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Maximum Ratings
Symbol
Value
Units
Nominal Zener Voltage
VZ
3.3 - 200
V
Maximum Zener Current
IZM
7.2 - 433
mA
Forward Surge Current
(8.3 msec Pulse)
IZSM
.072 – 4.2
A
Continuous Power
PD
1.5
W
Operating and Storage Temp.
Top
Tstg
-65 to +175
-65 to +200
ºC
Thermal Resistance,
Junction to Lead, L=3/8” (Axial)
RθJL
125
ºC/W
Thermal Resistance,
Junction to End Cap (SMS)
RθJE
83.3
ºC/W
Part Number/Ordering Information 6/
SZN __
__
__ __
Screening 7/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
SM = Surface Mount Round Tab
Tolerance
__ = 5%
C = 2%
D = 1%
Voltage/Family
4460 thru 4496: 6.2V thru 200V, See Table on Page 2
6485 thru 6491: 3.3V thru 5.6V, See Table on Page 2
SZN4460 thru SZN4496 Series
and
SZN6485 thru SZN6491 Series
1.5 WATT
3.3 – 200 VOLTS
ZENER DIODES
AXIAL (__)
DIM
MIN.
MAX
A
.080”
.107”
B
.145”
.181”
C
1.00”
---
D
.028”
.034”
SQUARE TAB (SMS) All dimensions are prior to soldering
DIM
MIN.
MAX.
A
.125”
.135”
B
.195”
.260”
C
.023”
.027”
D
Body to Tab Clearance: .003”
---
ROUND TAB (SM) All dimensions are prior to soldering
DIM
MIN.
MAX.
A
.084”
.102”
B
.189”
.205”
C
.010”
.022”
D
Body to Tab Clearance: .001”
---
DATA SHEET #: Z00008G
DOC


Similar Part No. - SZN4487

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
More results

Similar Description - SZN4487

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
logo
Motorola, Inc
1N5333B MOTOROLA-1N5333B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5333A NJSEMI-1N5333A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Solid States Devices, I...
SZ1A3.3 SSDI-SZ1A3.3_1 Datasheet
122Kb / 2P
   3.3 ??100 VOLTS ZENER DIODES
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
   2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
SZ1A3.3 SSDI-SZ1A3.3 Datasheet
111Kb / 2P
   1.0W and 1.5W 3.3 - 100 VOLTS ZENER DIODES
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com