Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDY15S120 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IDY15S120
Description  2nd Generation thinQ! SiC Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDY15S120 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IDY15S120 Datasheet HTML 2Page - Infineon Technologies AG IDY15S120 Datasheet HTML 3Page - Infineon Technologies AG IDY15S120 Datasheet HTML 4Page - Infineon Technologies AG IDY15S120 Datasheet HTML 5Page - Infineon Technologies AG IDY15S120 Datasheet HTML 6Page - Infineon Technologies AG IDY15S120 Datasheet HTML 7Page - Infineon Technologies AG IDY15S120 Datasheet HTML 8Page - Infineon Technologies AG IDY15S120 Datasheet HTML 9Page - Infineon Technologies AG IDY15S120 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2nd Generation thinQ!™ SiC Schottky Diode
IDY15S120
Electrical characteristics diagrams
Final Data Sheet
7
Rev. 2.0, 2011-02-28
5
Electrical characteristics diagrams
Electrical characteristics, at
T
j=25 °C, unless otherwise specified.
Table 7
Power dissipation
Typ. forward characteristic (per leg)
P
tot = f(TC); parameter: RthJC(max)
I
F=f(VF); tp=400 µs; parameter: Tj ; IF=f(TC);
per device the values double
Table 8
Diode forward current (per leg)
Diode forward current (per device)
T
j≤ 175 °C; parameter: RthJC(max) ; VF (max); D=tP /T
T
j≤ 175 °C; parameter: RthJC(max) ; VF (max); D=tP /T


Similar Part No. - IDY15S120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDY10S120 INFINEON-IDY10S120 Datasheet
1Mb / 10P
   2nd Generation thinQ! SiC Schottky Diode
Rev. 2.0, 2011-02-28
More results

Similar Description - IDY15S120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDV03S60C INFINEON-IDV03S60C Datasheet
1Mb / 10P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1, 2010-02-16
IDC06S60C INFINEON-IDC06S60C Datasheet
61Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDC08S60C INFINEON-IDC08S60C Datasheet
59Kb / 4P
   2nd generation thinQ SiC Schottky Diode
27.04.2006
IDB10S60C INFINEON-IDB10S60C Datasheet
575Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2009-01-07
IDH06S60C INFINEON-IDH06S60C Datasheet
440Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2009-06-02
IDV04S60C INFINEON-IDV04S60C Datasheet
1Mb / 10P
   2nd Generation thinQ! SiC Schottky Diode
Rev. 2.0, 2010-01-08
IDT12S60C INFINEON-IDT12S60C Datasheet
236Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDT05S60C INFINEON-IDT05S60C_08 Datasheet
426Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-06
IDT10S60C INFINEON-IDT10S60C_08 Datasheet
428Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-09
IDC05S60C INFINEON-IDC05S60C Datasheet
60Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDD04S60C INFINEON-IDD04S60C Datasheet
241Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-04-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com