Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZN5955 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SZN5955
Description  3.3 ??200 VOLTS ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZN5955 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SZN5955 Datasheet HTML 1Page - Solid States Devices, Inc SZN5955 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
1)
All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on the measured
value due to heating effects.
2)
Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current.
3)
Ratings based on maximum zener voltage of individual units (leaded units).
4)
Figures shown are for a peak sinusoidal surge current of 8.3 msec duration, non-repetitive. The 8.3 msec square pulse rating is 71% of the value shown.
5)
SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels.
6/
For Ordering Information, Price, and Availability- Contact Factory.
7/
Screening based on MIL-PRF-19500. Screening flows available on request.
8/
Voltages are shown for 5% tolerance devices.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZN5913 thru SZN5956
and
SZN5913SMS thru SZN5956SMS
Electrical Characteristics @ 25°C
Nominal
Zener
Voltage
(note 1)
Zener
Test
Current
Maximum
Zener
Impedance
(note 2)
Maximum Knee
Impedance
Maximum Reverse
Leakage Current
Maximum
Continuous
Current
(note 3)
Maximum
Surge
Current
(note 4)
VZ @ IZT
IZT
ZZ @ IZT
ZZK @ IZK
IR @ VR
VR (note 8)
IZM
IZSM
PART
NUMBER
VOLT
mA
Ohms
Ohms
mA
µA
Volts
mA
Amps
SZN5913
SZN5914
SZN5915
SZN5916
SZN5917
SZN5918
SZN5919
3.3
3.6
3.9
4.3
4.7
5.1
5.6
113.6
104.2
96.1
87.2
79.8
73.5
66.9
10
9.0
7.5
6.0
5.0
4.0
2.0
500
500
500
500
500
350
250
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100
75
25
5.0
5.0
5.0
5.0
1.0
1.0
1.0
1.0
1.5
2.0
3.0
454
416
384
348
319
294
267
4.2
3.9
3.6
3.3
3.0
2.7
2.5
SZN5920
SZN5921
SZN5922
SZN5923
SZN5924
6.2
6.8
7.5
8.2
9.1
60.5
55.1
50
45.7
41.2
2.0
2.5
3.0
3.5
4.0
200
200
400
400
500
1.0
1.0
.5
.5
.5
5.0
5.0
5.0
5.0
5.0
4.0
5.2
6.0
6.5
7.0
241
220
200
182
164
2.3
2.1
1.9
1.7
1.6
SZN5925
SZN5926
SZN5927
SZN5928
SZN5929
10.0
11.0
12.0
13.0
15.0
37.5
34.1
31.2
28.8
25
4.5
5.5
6.5
7.0
9.0
500
550
550
550
600
.25
.25
.25
.25
.25
5.0
1.0
1.0
1.0
1.0
8.0
8.4
9.1
9.9
11.4
150
136
125
115
100
1.4
1.3
1.2
1.1
.95
SZN5930
SZN5931
SZN5932
SZN5933
SZN5934
16.0
18.0
20.0
22.0
24.0
23.4
20.8
18.7
17
15.6
10
12
14
17.5
19
600
650
650
650
700
25
.25
.25
.25
.25
1.0
1.0
1.0
1.0
1.0
12.2
13.7
15.2
16.7
18.2
93
83
75
68
62
.90
.79
.71
.65
.60
SZN5935
SZN5936
SZN5937
SZN5938
SZN5939
27.0
30.0
33.0
36.0
39.0
13.9
12.5
11.4
10.4
9.6
23
28
33
38
45
700
750
800
850
900
.25
.25
.25
.25
.25
1.0
1.0
1.0
1.0
1.0
20.6
22.8
25.1
27.4
29.7
55
50
45
41
38
.53
.48
.43
.40
.37
SZN5940
SZN5941
SZN5942
SZN5943
SZN5944
43.0
47.0
51.0
56.0
62.0
8.7
8.0
7.3
6.7
6.0
53
67
70
86
100
950
1000
1100
1300
1500
.25
.25
.25
.25
.25
1.0
1.0
1.0
1.0
1.0
32.7
35.8
38.8
42.6
47.1
34
31
29
26
24
.33
.30
.28
.26
.23
SZN5945
SZN5946
SZN5947
SZN5948
SZN5949
68.0
75.0
82.0
91.0
100.0
5.5
5.0
4.6
4.1
3.7
120
140
160
200
250
1700
2000
2500
3000
3100
.25
.25
.25
.25
.25
1.0
1.0
1.0
1.0
1.0
51.2
56
62.2
69.2
76
22
20
18
16
15
.21
.19
.17
.16
.14
SZN5950
SZN5951
SZN5952
SZN5953
SZN5954
110.0
120.0
130.0
150.0
160.0
3.4
3.1
2.9
2.5
2.3
300
380
450
600
700
4000
4500
5000
6000
6500
.25
.25
.25
.25
.25
1.0
1.0
1.0
1.0
1.0
83.6
91.2
98.8
114
121.6
13
12
11
10
9.0
.13
.12
.11
.095
.089
SZN5955
SZN5956
180.0
200.0
2.1
1.9
900
1200
7000
8000
.25
.25
1.0
1.0
136.8
152
8.0
7.0
.079
.072
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00012C
DOC


Similar Part No. - SZN5955

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN5063 SSDI-SZN5063 Datasheet
171Kb / 3P
   6.8 ??400 VOLTS ZENER DIODES
SZN5064 SSDI-SZN5064 Datasheet
171Kb / 3P
   6.8 ??400 VOLTS ZENER DIODES
SZN5065 SSDI-SZN5065 Datasheet
171Kb / 3P
   6.8 ??400 VOLTS ZENER DIODES
SZN5066 SSDI-SZN5066 Datasheet
171Kb / 3P
   6.8 ??400 VOLTS ZENER DIODES
SZN5067 SSDI-SZN5067 Datasheet
171Kb / 3P
   6.8 ??400 VOLTS ZENER DIODES
More results

Similar Description - SZN5955

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
logo
Motorola, Inc
1N5333B MOTOROLA-1N5333B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5333A NJSEMI-1N5333A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Solid States Devices, I...
SZ1A3.3 SSDI-SZ1A3.3_1 Datasheet
122Kb / 2P
   3.3 ??100 VOLTS ZENER DIODES
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
   2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
SZ1A3.3 SSDI-SZ1A3.3 Datasheet
111Kb / 2P
   1.0W and 1.5W 3.3 - 100 VOLTS ZENER DIODES
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com