Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

512S5E Datasheet(PDF) 2 Page - Make-Ps

Part # 512S5E
Description  Single Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

512S5E Datasheet(HTML) 2 Page - Make-Ps

  512S5E Datasheet HTML 1Page - Make-Ps 512S5E Datasheet HTML 2Page - Make-Ps 512S5E Datasheet HTML 3Page - Make-Ps 512S5E Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
ALL
S
SPPEECCIIFFIICCA
AT
TIIO
ON
NS
S
O
OU
UT
TLLIIN
NE
E
D
DRRA
AW
WIIN
NG
G
All specifications are typical at nominal input, nominal load and 25
° C unless otherwise specified.
External, low ESR, 10 microfarad (minimum) capacitor across input is recommended for operation.
P
PH
HY
YS
SIIC
CA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
2.0 X 2.0 X 0.4 inches
(50.8 X 50.8 X 10.2 mm)
Black Coated Metal
Negative Output Pin
UL94V-0
2.6 oz.
Case Size
Case Material
Shield Connection
Flammability
Weight
Unit/Comments
o
C; Ambient
o
C
% Humidity; non-
condensing
Free-Air Convection
Operating Temp. Range
Storage Temp. Range
Relative Humidity
Cooling
Min
-30
-40
Typ
Max
+75
+125
+95
Notes:
1. Unless otherwise specified dimensions are in inches (mm).
Tolerances
Inches
mm
X.XX = ±0.02
X.X = ±0.5
X.XXX= ±0.010
X.XX = ±0.25
2. Case A pinning is standard. Case A model numbers do not require suffixing.
3. Case A1 pinning is optional. Case A1 model numbers must be suffixed with “A1”. Example: 512S48E-A1
.40
[10.2]
BOTTOM
.22 [5.6]
MIN.
SIDE
2.00
[50.8]
0.04 DIA
[1.0]
-Vin
+Vin
2.00 [50.8]
.90 [22.9]
.20 [5.1]
.60 [15.2]
.80 [20.3]
.60 [15.2]
.40 [10.2]
.40 [10.2]
+Vout
N.C.
-Vout
.20 [5.1]
ON/OFFCONTROL
(OPTIONAL)
.15 [3.8]
.85 [21.6]
1.70 [43.2]
-Vout
BOTTOM
ON/OFFCONTROL
(OPTIONAL)
-Vin
+Vin
+Vout
N.C.
.22 [5.6]MIN.
SIDE
.40 [10.2]
[1.0]
0.04 DIA
.15 [3.8]
.85 [21.6]
.18 [4.4]
2.00 [50.8]
1.25 [31.8]
.40 [10.2]
2.00
[50.8]
C
CA
AS
SE
E
““ A
A11”” ((O
OPPTTIIO
ON
NA
ALL
))
C
CA
AS
SE
E
““A
A””
>> 2
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 512S5E

ManufacturerPart #DatasheetDescription
logo
Make-Ps
512S5 MAKE-PS-512S5 Datasheet
193Kb / 4P
   Single & Dual Output DC/DC Converter
512S5WFR-M MAKE-PS-512S5WFR-M Datasheet
265Kb / 3P
   Single Output DC/DC Converter
More results

Similar Description - 512S5E

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com