Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

215D48UFR Datasheet(PDF) 1 Page - Make-Ps

Part # 215D48UFR
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

215D48UFR Datasheet(HTML) 1 Page - Make-Ps

  215D48UFR Datasheet HTML 1Page - Make-Ps 215D48UFR Datasheet HTML 2Page - Make-Ps 215D48UFR Datasheet HTML 3Page - Make-Ps 215D48UFR Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The 200UFR series are 2 watts power modules designed to
provide low output ripple and wide operating temperature
range of -40oC to +85oC in a low-profile SIP package. The
series consists of 14 models with input voltages of 24V and 48V,
and offers regulated output voltages of 3.3V, 5V, 12V, 15V, ±5V,
±12V and ±15V.
The 200UFR are ideal for datacom, mobile battery driven
equipment,
distributed
power
architectures,
telecommunication
equipment,
mixed
analog/digital
subsystems, automatic test instrumentation and industrial robot
systems.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
200UFR series
•• U
Up
p tto
o 8800%
% E
Effffiic
ciie
en
nc
cyy
•• 11550000 VVD
DC
C IIsso
olla
attiio
on
n
•• 44::11 IInnppuutt RRaannggee
•• LLoow
w R
Riip
pp
plle
e a
an
nd
d N
No
oiisse
e
•• SShhoorrtt CCiirrccuuiitt aanndd O
Ovve
err C
Cu
urrrre
en
ntt P
Prro
otte
ec
cttiio
on
n
•• RReem
mo
otte
e O
On
n//O
Offff
•• IInntteerrnnaall SSM
MD
D c
co
on
nssttrru
uc
cttiio
on
n
FFEEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage
24 VDC Input Models
VDC
48 VDC Input Models
VDC
Input Fuse Requirements
24 VDC Input Models
mA; Slow blow type
48 VDC Input Models
mA; Slow blow type
Start Voltage
VDC
Under Voltage Shutdown
VDC
Remonte On
VDC
Remote Off
VDC
Control Input Current (ON)
mA
Control Input Current (OFF)
mA
Input Filter
Pi Filter
Unit/Comments
Output Voltage Set Point
% Output voltage at
nominal line & FL
Line Regulation
% Output voltage
measured from
min. input line to
maximum
Load Regulation
% Output voltage
measured from FL
to 25% load
Ripple/Noise
mV p-p, Over Line,
Load & Temp., 20
MHz B.W., 25% to
100% FL
Overload Protection
see Note 1
Short Circuit Protection
see Note 1
Temperature Coefficient
% per degree C
Note 1: Overload time should be limited to 10 sec and/or the
temperature should be maintained <85oC
Min Typ
±0.2
±0.01
Max
±2.0
±0.5
±0.75
75
±0.02
Single & Dual Output
DC/DC Converter
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
Isolation Capacitance
pF, 100kHz, 1Volt
MTBF (MIL-HBK-217F)
Million Hours,
+25oC, Ground
Benign
Min
1500
1000
1
Typ
300
250
Max
500
Min
9
18
Typ
24
48
350
135
7
6
Max
36
75
9
9
0.6
2.7
1
1
>> B-37
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 215D48UFR

ManufacturerPart #DatasheetDescription
logo
Make-Ps
215D48FR MAKE-PS-215D48FR Datasheet
179Kb / 4P
   Single & Dual Output DC/DC Converter
215D48LFR MAKE-PS-215D48LFR Datasheet
241Kb / 4P
   Single & Dual Output DC/DC Converter
More results

Similar Description - 215D48UFR

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com