Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1024S12FPW Datasheet(PDF) 1 Page - Make-Ps

Part # 1024S12FPW
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

1024S12FPW Datasheet(HTML) 1 Page - Make-Ps

  1024S12FPW Datasheet HTML 1Page - Make-Ps 1024S12FPW Datasheet HTML 2Page - Make-Ps 1024S12FPW Datasheet HTML 3Page - Make-Ps 1024S12FPW Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The 1000PFW series is a family of compact 10 W, high
performance DC/DC converters. These converters are
specifically designed to provide the flexibility, power density,
and reliability required to fulfill local power needs in
applications ranging from telecom switch systems to
portable instrumentation. 24 models operate over 2:1 input
ranges of 9 to 18, 18 to 36 or 36 to 72 VDC; providing single,
dual or triple output combinations of 3.3, 5, 12, 15, 24, ±5, ±12
and ±15 VDC.
All models are packaged in compact, low
profile 2.0” X 1.0” X 0.4” metal cases.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
1000FPW series
•• 66 ssiiddeedd CCoonnttiinnuuoouuss SShhiieellddiinngg
•• W
Wiid
de
e 22::11 IIn
np
pu
utt V
Vo
olltta
ag
ge
e R
Ra
an
ng
ge
e
•• EEffffiicciieennccyy ttoo 8833%
%
•• >>770000,,000000 H
Ho
ou
urrss M
MT
TB
BFF
FFEEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage Range
12 VDC Input Models
VDC
24 VDC Input Models
VDC
48 VDC Input Models
VDC
Input Filter
Pi Filter
Unit/Comments
% 1
%; Equal Output Loads
% 2
% 3
% 3 ; Equal Loads
mV Pk-Pk
Continuous, Automatic
Recovery
% per oC
% Full load
Min Typ Max
±1.0
±2.0
±0.3
±0.5
±0.5
100
±0.02
10
Single & Dual Output
DC/DC Converter
Min
9
18
36
Typ
12
24
48
Max
18
36
72
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
MTBF (MIL-HBK-217F)
Thousand Hours,
+25oC, Ground
Benign
Min
1500
1000
700
Typ
350
Max
Output Voltage Accuracy
Voltage Balance:
Dual Outputs
Line Regulation
Load Regulation
Single Outputs
Dual Outputs
Ripple/Noise
Short Circuit Protection
Temperature Coefficient
Minimum Load
1
= Output voltage at nominal line & FL
2
= % Output voltage measured from min. input line to maximum
3
= Output voltage measured from FL to 10% Load
>> 1
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 1024S12FPW

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024-60LH/883 LATTICE-1024-60LH/883 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
logo
List of Unclassifed Man...
10240 ETC2-10240 Datasheet
216Kb / 1P
   Micastat Dissipative Laminate
logo
Heyco.
10240 HEYCO-10240 Datasheet
115Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
3M Electronics
10240-0210EC 3M-10240-0210EC Datasheet
32Kb / 2P
   050, Mini D Ribbon (MDR) Connectors
More results

Similar Description - 1024S12FPW

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com