Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1015D12WFR Datasheet(PDF) 1 Page - Make-Ps

Part # 1015D12WFR
Description  Single & Dual Output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

1015D12WFR Datasheet(HTML) 1 Page - Make-Ps

  1015D12WFR Datasheet HTML 1Page - Make-Ps 1015D12WFR Datasheet HTML 2Page - Make-Ps 1015D12WFR Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The 1000WFR series is a family of 10W single and dual
output DC/DC converters that utilize a cost effective design
to achieve high levels of performance. Operating from wide
(2:1) input voltage ranges of 9 to 18, 18 to 36 or 36 to 72 Vdc;
providing outputs of 5, 9, 12, 15, ±12 or ±15 Vdc.
Standard features include an input Pi filter to reduce
reflected ripple current, efficiency as high as 80%, and
continuous output short circuit protection. Input/output
isolation is 500 Vdc minimum, output voltage accuracy is ±1%
and transient response is less than 500
μSec.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
1000WFR series
•• CCoom
mp
pa
ac
ctt 00..44 IIn
nc
ch
h P
Prro
offiille
e P
Pa
ac
ckka
ag
ge
e
•• --2255ooCC ttoo ++7711ooCC O
Op
pe
erra
attiin
ng
g T
Te
em
mp
pe
erra
attu
urre
e R
Ra
an
ng
ge
e
•• ±±00..22%
% LLiin
ne
e R
Re
eg
gu
ulla
attiio
on
n
•• SShhoorrtt CCiirrccuuiitt PPrrootteeccttiioonn
•• LLoow
w O
Ou
uttp
pu
utt R
Riip
pp
plle
e a
an
nd
d N
No
oiisse
e
•• ±±00..55%
% LLo
oa
ad
d R
Re
eg
gu
ulla
attiio
on
n
FFEEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage Range
see Table 1
Input Filter
Pi Network Filter
Ripple Current
see Model Selection Guide
Reverse Voltage Protection
Parallel Diode
Unit/Comments
Voltage & Current Ratings
See Model
Selection Guide
Output Voltage Accuracy
%
Voltage Balance ( Dual
%
Outputs)
Ripple & Noise (20 MHz BW)
mV RMS
mV Pk-Pk
Line Regulation
%
Load Regulation
%
Minimum Load
% of Full Load
Temperature Coefficient @FL
% per oC
Short Circuit Protection
Continuous, Current
Limit
Short Circuit Restart
Automatic Recover
Transient Response
500
μSec.
Single & Dual Output
DC/DC Converter
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
Isolation Capacitance
pF
Min
80
500
1000
Typ
600
Max
120
Min
10
Typ Max
±1.0
±1.0
10
100
±0.2
±0.5
±0.02
T
TA
AB
BLLE
E
11 -- IIN
NP
PU
UT
T
V
VO
OLLT
TA
AG
GE
E
R
RA
AN
NG
GE
E V
VS
S
O
OU
UT
TP
PU
UT
T
LLO
OA
AD
D
Nominal
Input Voltage Range (VDC) at:
Input (VDC)
20% Load
40% Load
60% Load
100% Load
12
24
48
8.6 - 20.4
17.2 - 40.9
34.4 - 81.8
8.75 - 19.7
17.5 - 39.5
35.0 - 79.1
8.8 - 18.5
17.6 - 37.1
35.2 - 74.2
9.0 - 18.0
18.0 - 36.0
36.0 - 72.0
>> B-100
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 1015D12WFR

ManufacturerPart #DatasheetDescription
logo
Make-Ps
1015D12FPW MAKE-PS-1015D12FPW Datasheet
248Kb / 4P
   Single & Dual Output DC/DC Converter
More results

Similar Description - 1015D12WFR

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com