Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1505D12 Datasheet(PDF) 5 Page - Make-Ps

Part # 1505D12
Description  Single, Dual, Triple Output DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

1505D12 Datasheet(HTML) 5 Page - Make-Ps

  1505D12 Datasheet HTML 1Page - Make-Ps 1505D12 Datasheet HTML 2Page - Make-Ps 1505D12 Datasheet HTML 3Page - Make-Ps 1505D12 Datasheet HTML 4Page - Make-Ps 1505D12 Datasheet HTML 5Page - Make-Ps 1505D12 Datasheet HTML 6Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
The converter’s output voltage may be trimmed to
±10% of the nominal output voltage.
T
TR
RIIM
M U
UP
P
Trim output voltage up by connecting an external resistor between Pins 5 and 6. Use the following equation.
Reference Table 1 for variable A.
Example:
If we want to trim 5% up for 12V output units,
where A = 1.98,
Δ % = 0.05
T
TR
RIIM
M D
DO
OW
WN
N
Trim output voltage down by connecting an external resistor between Pins 5 and 7. Use the following
equation. Reference Table 2 for variable C and D.
Example:
If we want to trim 4% down for 5V output units,
where C = 1.24, D = 26.5,
Δ % = 0.04
Radj-up =
O
OU
UT
TP
PU
UT
T
V
VO
OLLT
TA
AG
GE
E
A
AD
DJ
JU
US
ST
TM
ME
EN
NT
T
((11550000 S
SEERRIIEESS S
SIIN
NG
GLLE
E
O
OU
UT
TP
PU
UT
T
))
A
Δ %
- 24 (k
Ω)
Radj-up =
1.98
0.05
- 24 k
Ω = 15.6 kΩ
Radj-down =
C
Δ %
- D (k
Ω)
Radj-down =
1.24
0.04
- 26.5 k
Ω = 4.5 kΩ
Output Voltage
C
C
D
D
3.3V
1.22
26
5V
1.24
26.5
12V
7.57
33.5
Table 2.
Table 1.
Output Voltage
A
A
3.3V
0.78
5V
1.24
12V
1.98
15V
2.07
15V
10.3
36.4
CASE A
CASE A
>> B-118
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 1505D12

ManufacturerPart #DatasheetDescription
logo
Make-Ps
1505D20UR MAKE-PS-1505D20UR Datasheet
174Kb / 4P
   Single & Dual Output DC/DC Converter
1505D24UFR MAKE-PS-1505D24UFR Datasheet
356Kb / 4P
   Single & Dual Output DC/DC Converter
1505D36UR MAKE-PS-1505D36UR Datasheet
174Kb / 4P
   Single & Dual Output DC/DC Converter
1505D48UFR MAKE-PS-1505D48UFR Datasheet
356Kb / 4P
   Single & Dual Output DC/DC Converter
logo
Belden Inc.
1505DNH BELDEN-1505DNH Datasheet
147Kb / 3P
   1505DNH - 75 Ohm SDI Coax, RG-59, 20 AWG Solid BC, Tri-Shield, LSZH-C Jkt
07-03-2023
More results

Similar Description - 1505D12

ManufacturerPart #DatasheetDescription
logo
Make-Ps
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
   Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
   Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com