Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

312D48XFR Datasheet(PDF) 3 Page - Make-Ps

Part # 312D48XFR
Description  Single & Dual Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

312D48XFR Datasheet(HTML) 3 Page - Make-Ps

  312D48XFR Datasheet HTML 1Page - Make-Ps 312D48XFR Datasheet HTML 2Page - Make-Ps 312D48XFR Datasheet HTML 3Page - Make-Ps 312D48XFR Datasheet HTML 4Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H
HO
OW
W T
TO
O
O
ORRD
DE
ER
R
3 12
S
XX XFR -
Output Voltage
Series
H
HO
OW
W
T
TO
O
O
ORRD
DE
ER
R
M
MO
OD
DE
ELL
S
SEELLEECCTTIIO
ON
N
C
CH
HA
AR
RT
T
Model
Nominal
Input
Voltage
(VDC)
Output
Voltage
(VDC)
Full Load
Output
Current
(mA)
No Load
Input
Current
(mA)
Full Load
Input
Current
(mA)
Efficiency
@FL
(%)
305S5XFR
312S5XFR
315S5XFR
312D5XFR
315D5XFR
305S12XFR
312S12XFR
315S12XFR
312D12XFR
315D12XFR
305S24XFR
312S24XFR
315S24XFR
312D24XFR
315D24XFR
305S48XFR
312S48XFR
315S48XFR
312D48XFR
315D48XFR
5
5
5
5
5
12
12
12
12
12
24
24
24
24
24
48
48
48
48
48
5
12
15
±12
±15
5
12
15
±12
±15
5
12
15
±12
±15
5
12
15
±12
±15
600
250
200
±125
±100
600
250
200
±125
±100
600
250
200
±125
±100
600
250
200
±125
±100
40
40
40
40
40
20
20
20
20
20
5
5
5
5
5
3
3
3
3
3
857
811
811
811
811
329
313
313
313
313
162
154
154
154
154
81
77
77
77
77
70
74
74
74
74
76
80
80
80
80
77
81
81
81
81
77
81
81
81
81
Output
Configuration
(S=Single, D=Dual)
Wattage
Nominal
Input Range
Y
ROHS Compliant
>> B-62
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 312D48XFR

ManufacturerPart #DatasheetDescription
logo
Make-Ps
312D48FR MAKE-PS-312D48FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
312D48WFR MAKE-PS-312D48WFR Datasheet
211Kb / 4P
   Single & Dual Output DC/DC Converter
More results

Similar Description - 312D48XFR

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com