Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2112S12 Datasheet(PDF) 6 Page - Make-Ps

Part # 2112S12
Description  Single, Dual, Triple Output DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

2112S12 Datasheet(HTML) 6 Page - Make-Ps

  2112S12 Datasheet HTML 1Page - Make-Ps 2112S12 Datasheet HTML 2Page - Make-Ps 2112S12 Datasheet HTML 3Page - Make-Ps 2112S12 Datasheet HTML 4Page - Make-Ps 2112S12 Datasheet HTML 5Page - Make-Ps 2112S12 Datasheet HTML 6Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
D
DEERRA
AT
TIIN
NG
G
C
CU
UR
RV
VE
ES
S
-20
0
20
40
60
80
100
120
Output Power (Watts)
TEMPERATURE
C
MODEL 2100 - 20W, 5VDC
0.57 Watt/ °C
25
20
15
10
5
0
-20
0
20
40
60
80
100
120
Output Power (Watts)
TEMPERATURE
° C
MODEL 2100 - All other models
25
20
15
10
5
0
0.45 Watt/ °C
>> B-171
Notes:
1. The derating curves shown for the 2100 series represents ambient operating conditions. They assume that good thermal design
practices are being used, including sufficient space in the vicinity of the converter for good air circulation. There are cetain alternate
techniques that can be utilized when the ambient temperature reaches the upper limit of a particular model:
a. Using a heat sink.
b. Mounting the converter on a metal plate which acts as a heat sink.
c. Cooling by forced air.
Any of the above methods (or a combination of heat sinking and forced air) will increase the operating range of the converter up to
85oC maximum ambient temperature. However the baseplate (case) temperature must not exceed 115oC for more than one minute
under any conditions.
2. External Synchronizing - All models in the 2100 series (packaged in the standard “A” case) can be synchronized to an external clock
by driving the SYNC pin (pin 2) directly with open collector-open drain (1 TTL load). The driving signal frequency must be 220kHz, +/-
5% (20% low, 80% high duty cycle.
3. Although all models feature internal short circuit protection, it is recommended that their inputs be protected externally with a fuse.
The fuse used must be a Slow-Blow type. Recommended rates are shown in the far right column of the model selection guide.
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 2112S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2112S-AI0025-AQ0120 ETC1-2112S-AI0025-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
2112S-AI0030-AQ0120 ETC1-2112S-AI0030-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
2112S-AQ0025-AQ0120 ETC1-2112S-AQ0025-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
2112S-AQ0030-AQ0120 ETC1-2112S-AQ0030-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
2112S-AS0025-AQ0120 ETC1-2112S-AS0025-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
More results

Similar Description - 2112S12

ManufacturerPart #DatasheetDescription
logo
Make-Ps
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
   Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
   Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com