Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1515D24 Datasheet(PDF) 1 Page - Make-Ps

Part # 1515D24
Description  Single, Dual, Triple Output DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

1515D24 Datasheet(HTML) 1 Page - Make-Ps

  1515D24 Datasheet HTML 1Page - Make-Ps 1515D24 Datasheet HTML 2Page - Make-Ps 1515D24 Datasheet HTML 3Page - Make-Ps 1515D24 Datasheet HTML 4Page - Make-Ps 1515D24 Datasheet HTML 5Page - Make-Ps 1515D24 Datasheet HTML 6Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The 1500 series 15 watts high performance DC/DC
converters are cost effective solution to the high reliability
and performance requirements of power distribution
systems in applications ranging from high speed data
communications equipment to industrial robotic systems.
The 1500 series operates over 2:1 input voltage ranges of
9 to 18, 18 to 36 or 36 to 72VDC; providing single, dual and
triple output combinations of 5, 12, 15, ±5, ±12, ±15, 5/±12 and
5/±15 VDC. All models are packaged in compact, low profile
2” X 2” X 0.4” metal cases.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
1500 series
•• SSyynncchhrroonniizzaattiioonn
•• 1133..33W
W//IIn
n33 P
Po
ow
we
err D
De
en
nssiittyy
•• EEffffiicciieennccyy ttoo 8877%
%
•• U
ULL 11995500 A
Ap
pp
prro
ovve
ed
d
•• VVD
DE
E // E
EN
N 6600995500 A
Ap
pp
prro
ovve
ed
d
•• >>770000,,000000 H
Ho
ou
urrss M
MT
TB
BFF
•• 66 ssiiddeedd CCoonnttiinnuuoouuss SShhiieellddiinngg
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e T
Trriim
mm
miin
ng
g
FFEEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage Range
12 VDC Input Models
VDC
24 VDC Input Models
VDC
48 VDC Input Models
VDC
Remote On / OFF Control
Supply ON
5.5 VDC or Open Circuit
Supply OFF
0 VDC to 0.8 VDC
Logic Referenced to Negative Input
Reverse Polarity Input Current
Amp
Input Filter
Internal Capacitor;
External 10-20
μF
cap recommended
across input pins
Input Fuse Rating
See Model Selection
Guide
Unit/Comments
% 1
% 1
% 1
% 1
%; Equal Output Loads
%; Equal Output Loads
Full Load
% 2
% 2
% 2
% 3
% 3 ; Equal Loads
% 3
% 3 ; Equal Loads
mV p-p, Nom.Line FL,
20Mhz B.W. using
1
μf bypass capacitor
% of Vout
Continuous, Auto-
matic Recovery
μS to within1% error
band for 50% step
load change
% per oC
Min Typ Max
±1.0
±1.0
±5.0
±5.0
±1.0
±1.0
10%
±0.5
±0.5
5.0
±0.3
±1.0
±0.5
±5.0
75
1
200
±0.01
Single, Dual, Triple Output
DC/DC Converter
Min
9
18
36
Typ
12
24
48
Max
18
36
72
12
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
Isolation Capacitance
pF, 100kHz, 1Volt
MTBF (MIL-HBK-217F)
Thousand Hours,
+25oC, Ground
Benign
Min
100
1000
1000
700
Typ
60
Max
Output Voltage Accuracy
Single & Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Output Voltage Adjustment
Voltage Balance:
Dual Outputs
Triple Outputs (Auxiliaries)
Minimum Load
Line Regulation
Single & Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Load Regulation
Single Outputs
Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Ripple/Noise
5V Outputs
12V and 15V Outputs
Short Circuit Protection
Transient Recovery Time
Temperature Coefficient
Over Voltage Protection
1
= Output voltage at nominal line & FL
2
= % Output voltage measured from min. input line to maximum
3
= Output voltage measured from FL to 10% Load
See Model Selection Guide
>> B-114
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 1515D24

ManufacturerPart #DatasheetDescription
logo
Make-Ps
1515D24UFR MAKE-PS-1515D24UFR Datasheet
356Kb / 4P
   Single & Dual Output DC/DC Converter
1515D24WFR MAKE-PS-1515D24WFR Datasheet
150Kb / 3P
   Single and Dual Output DC/DC Converter
More results

Similar Description - 1515D24

ManufacturerPart #DatasheetDescription
logo
Make-Ps
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
   Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
   Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com