Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2012S12 Datasheet(PDF) 2 Page - Make-Ps

Part # 2012S12
Description  Single, Dual, Triple Output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

2012S12 Datasheet(HTML) 2 Page - Make-Ps

  2012S12 Datasheet HTML 1Page - Make-Ps 2012S12 Datasheet HTML 2Page - Make-Ps 2012S12 Datasheet HTML 3Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E
EN
NV
VIIR
RO
ON
NM
ME
EN
NT
TA
ALL
S
SPPEECCIIFFIICCA
AT
TIIO
ON
NS
S
O
OU
UT
TLLIIN
NE
E
D
DRRA
AW
WIIN
NG
G
P
PH
HY
YS
SIIC
CA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
2.56 X 3.0 X 0.75 inches
(65.0 X 76.2 X 19.1 mm)
Coated Metal with Non-
Conductive Base
Negative Input
Positive Input
UL94V-0
227 Grams
Case Size
Case Material
Shield Connection
12V and 24V Input Models
48V Input Models
Flammability
Weight
Unit/Comments
o
C; Ambient
o
C
% Humidity; non-
condensing
Free-Air Convection
Operating Temp. Range
Storage Temp. Range
Relative Humidity
Cooling
Min
-30
-40
Typ
Max
+75
+125
95
Notes:
1. Unless otherwise specified dimensions are in inches (mm).
Tolerances
Inches
mm
X.XX = ±0.02
X.X = ±0.5
X.XXX= ±0.010
X.XX = ±0.25
2. Mounting inserts: 4-40 X .10 (2.5) Deep
0.50
(12.7)
0.40
(10.2)
0.40
(10.2)
0.40
(10.2)
2.56 (65.0)
0.20
(5.1)
0.040±.005
(1.01)
DIA.
BOTTOM
10
9
8
7
6
5
4
3
2
1
0.30
(7.6)
3.00
(76.2)
SIDE
0.70
(17.8)
0.40
(10.2)
1.00
(25.4)
0.75
(19.1)
C
CA
AS
SE
E
G
G
P
PIIN
N
O
OU
UT
T
C
CH
HA
AR
RT
T
;; C
CA
AS
SE
E
G
G
Pin
1
2
3
4
5
6
7
8
9
10
Single
Remote On/Off
+ Vin
- Vin
Sync
+Sense/Trim(Down)*
Output Trim
- Sense/Trim (Up)*
+ Vout*
- Vout*
No Pin
Dual
Remote On/Off
+ Vin
- Vin
Sync
+ Vout
Common
- Vout
Output Trim
No Pin
No Pin
Triple
Remote On/Off
+ Vin
- Vin
Sync
+ Vout (Aux)
Common(Aux)
- Vout (Aux)
+ Vout (Primary)
- Vout (Primary)
Output Trim (Primary)
* Connections for single output models without sensing or external trimming:
For proper operation, externally connect Pin 5 (+Sense) to Pin 8 (+Vout)
and Pin 7 (-Sense) to Pin 9 (-Vout)
0.30
(7.6)
0.30
(7.6)
1.25
(31.75)
0.72
(18.3)
0.40
(10.2)
0.60
(15.2)
See Note 2
0.02 MIN.
(0.5)
All specifications are typical at nominal input, nominal load and 25
° C unless otherwise specified.
External, low ESR, 10 microfarad (minimum) capacitor across output is recommended for operation.
>> 2
0.25
(6.4)
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 2012S12

ManufacturerPart #DatasheetDescription
logo
Make-Ps
2012S12WFR MAKE-PS-2012S12WFR Datasheet
265Kb / 6P
   Single & Dual Output DC/DC Converter
More results

Similar Description - 2012S12

ManufacturerPart #DatasheetDescription
logo
Make-Ps
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
   Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1600 MAKE-PS-1600 Datasheet
192Kb / 5P
   Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com