Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1605D24 Datasheet(PDF) 1 Page - Make-Ps

Part # 1605D24
Description  Single, Dual, Triple Output DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

1605D24 Datasheet(HTML) 1 Page - Make-Ps

  1605D24 Datasheet HTML 1Page - Make-Ps 1605D24 Datasheet HTML 2Page - Make-Ps 1605D24 Datasheet HTML 3Page - Make-Ps 1605D24 Datasheet HTML 4Page - Make-Ps 1605D24 Datasheet HTML 5Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The 1600 series 16 watts high performance DC/DC
converters are cost effective solution to the high reliability
and performance requirements of power distribution
systems in applications ranging from high speed data
communications equipment to industrial robotic systems.
The 1600 series operates from wide (2:1) input voltage ranges
of 9 to 18, 18 to 36 or 36 to 72VDC; providing single, dual and
triple output combinations of 3.3, 5, 12, 15, ±5, ±12, ±15, 5/±12
and 5/±15 VDC. All models are packaged in compact, low
profile 2” X 2” X 0.4” metal cases.
D
DEESSCCRRIIPPTTIIO
ON
NS
S
1600 series
•• 66 ssiiddeedd CCoonnttiinnuuoouuss SShhiieellddiinngg
•• SSyynncchhrroonniizzaattiioonn
•• 1100W
W//IIn
n33 P
Po
ow
we
err D
De
en
nssiittyy
•• W
Wiid
de
e 22::11 IIn
np
pu
utt V
Vo
olltta
ag
ge
e R
Ra
an
ng
ge
e
•• EEffffiicciieennccyy ttoo 8822%
%
•• U
ULL 11995500 A
Ap
pp
prro
ovve
ed
d
•• CCSSA
A 2222..22--995500 A
Ap
pp
prro
ovve
ed
d
•• VVD
DE
E // E
EN
N 6600995500 A
Ap
pp
prro
ovve
ed
d
FFEEA
AT
TU
UR
RE
ES
S
IIN
NP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
O
OU
UT
TP
PU
UT
T
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Input Voltage Range
12 VDC Input Models
VDC
24 VDC Input Models
VDC
48 VDC Input Models
VDC
Remote On / OFF Control
Supply ON
VDC or Open Circuit
Supply OFF
0
VDC
Logic Referenced to Negative Input
Reverse Polarity Input Current
Amp
Input Filter
Pi Filter
Input Fuse Rating
See Model Selection
Guide
Unit/Comments
% 1
% 1
% 1
%
%; Equal Output Loads
%; Equal Output Loads
Full Load
% 2
% 2
% 2
% 3
% 3 ; Equal Loads
% 3
% 3 ; Equal Loads
mV p-p, Nom.Line FL,
20Mhz B.W .using
1
μf bypass capacitor
% of Vout
Continuous, Auto-
matic Recovery
μS to within1% error
band for 50% step
load change
% per oC
Min Typ Max
±1.0
±1.0
±7.0
±10
±1.0
±1.0
10%
±0.5
±0.5
±5.0
±0.5
±1.0
±0.5
±5.0
75
1
200
±0.01
Single, Dual, Triple Output
DC/DC Converter
G
GEEN
NE
ER
RA
ALL
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unit/Comments
Switching Frequency
kHz
Isolation Voltage
VDC, 1 minute
Isolation Resistance
Mohm, 500VDC
Isolation Capacitance
pF, 100kHz, 1Volt
MTBF (MIL-HBK-217F)
Thousand Hours,
+25oC, Ground
Benign
Min
100
1000
1000
705
Typ
100
Max
Output Voltage Accuracy
Single & Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Output Voltage Trim
Voltage Balance:
Dual Outputs
Triple Outputs (Auxiliaries)
Minimum Load
Line Regulation
Single & Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Load Regulation
Single Outputs
Dual Outputs
Triple Outputs - Primary
- Auxiliaries
Ripple/Noise
5V Outputs
12V and 15V Outputs
Short Circuit Protection
Transient Recovery Time
Temperature Coefficient
Over Voltage Protection
1
= Output voltage at nominal line & FL
2
= % Output voltage measured from min. input line to maximum
3
= Output voltage measured from FL to 10% Load
See Model Selection Guide
>> B-144
Min
9
18
36
3.5
Typ
12
24
48
Max
18
36
72
0.8
12
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 1605D24

ManufacturerPart #DatasheetDescription
logo
Make-Ps
1605D24XA MAKE-PS-1605D24XA Datasheet
154Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
More results

Similar Description - 1605D24

ManufacturerPart #DatasheetDescription
logo
Make-Ps
3000LP MAKE-PS-3000LP Datasheet
170Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1800 MAKE-PS-1800 Datasheet
198Kb / 4P
   Single, Dual, Triple Output DC/DC Converter
3000UR MAKE-PS-3000UR Datasheet
204Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
3000WFR MAKE-PS-3000WFR Datasheet
206Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
2100 MAKE-PS-2100 Datasheet
382Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
1500 MAKE-PS-1500 Datasheet
212Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
1600XA MAKE-PS-1600XA Datasheet
154Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com