Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2015S24WFR Datasheet(PDF) 6 Page - Make-Ps

Part # 2015S24WFR
Description  Single & Dual Output DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

2015S24WFR Datasheet(HTML) 6 Page - Make-Ps

  2015S24WFR Datasheet HTML 1Page - Make-Ps 2015S24WFR Datasheet HTML 2Page - Make-Ps 2015S24WFR Datasheet HTML 3Page - Make-Ps 2015S24WFR Datasheet HTML 4Page - Make-Ps 2015S24WFR Datasheet HTML 5Page - Make-Ps 2015S24WFR Datasheet HTML 6Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
H
HO
OW
W
T
TO
O
O
ORRD
DE
ER
R
-40
50
60
70
80
90
100
110
Pout %
TEMPERATURE
° C
MODEL 2000WFR Dual
100
90
80
70
60
50
40
30
20
10
0
400LFM
200LFM
Natural
Convection
100LFM
~
H
HO
OW
W T
TO
O
O
ORRD
DE
ER
R
20 XX D XX - WFR - Y
Output Voltage
Dual Output
Wattage
ROHS Compliant
Series
Nominal
Input Voltage
>> B-164
M
MO
OD
DE
ELL
S
SEELLEECCTTIIO
ON
N
C
CH
HA
AR
RT
T
Model
Nominal
Input
Voltage
(VDC)
Input
Voltage
Range
(VDC)
Under
Voltage
Shut Down
(VDC)
No Load
Input
Current
(mA)
Full Load
Input
Current
(mA)
Output
Voltage
(VDC)
Full Load
Output
Current
(mA)
Input Fuse
Slow Blow
Type
(A)
Efficiency
@ FL
(%)
12
12
24
24
48
48
9 - 18
9 - 18
18 - 36
18 - 36
36 - 75
36 - 75
8.1 - 8.8
8.1 - 8.8
16 - 17.5
16 - 17.5
32 - 34
32 - 34
30
30
17
17
10
10
1.92
1.92
0.96
0.96
0.47
0.47
±12.0
±15.0
±12.0
±15.0
±12.0
±15.0
±0.835
±0.670
±0.835
±0.670
±0.835
±0.670
4
4
2
2
1
1
88
88
89
89
89
89
2012D12WFR
2015D12WFR
2012D24WFR
2015D24WFR
2012D48WFR
2015D48WFR
D
DEERRA
AT
TIIN
NG
G
C
CU
UR
RV
VE
ES
S
www.make-ps.com
E-mail:info@make-ps.com


Similar Part No. - 2015S24WFR

ManufacturerPart #DatasheetDescription
logo
Make-Ps
2015S24 MAKE-PS-2015S24 Datasheet
260Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
More results

Similar Description - 2015S24WFR

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com