Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQ-16 Datasheet(PDF) 1 Page - Analog Devices

Part # RQ-16
Description  16-Lead Shrink Small Outline Package [QSOP] Dimensions shown in inches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RQ-16 Datasheet(HTML) 1 Page - Analog Devices

  RQ-16 Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
COMPLIANT TO JEDEC STANDARDS MO-137-AB
16-Lead Shrink Small Outline Package [QSOP]
(RQ-16)
Dimensions shown in inches
a
16
9
8
1
PIN 1
SEATING
PLANE
0.010
0.004
0.012
0.008
0.025
BSC
0.010
0.006
0.050
0.016
COPLANARITY
0.004
0.065
0.049
0.069
0.053
0.197
0.193
0.189
0.158
0.154
0.150
0.244
0.236
0.228


Similar Part No. - RQ-16

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RQ-125 ASTRODYNE-RQ-125 Datasheet
426Kb / 2P
   125W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-125 MEANWELL-RQ-125 Datasheet
346Kb / 2P
   125W Quad Output Switching Power Supply
RQ-125 MEANWELL-RQ-125 Datasheet
355Kb / 2P
   125W Quad Output Switching Power Supply
logo
Total Power Internation...
RQ-125 TOTAL-POWER-RQ-125 Datasheet
425Kb / 2P
   125W Quad Output Switching Power Supply
logo
Astrodyne Corporation
RQ-125B ASTRODYNE-RQ-125B Datasheet
426Kb / 2P
   125W Quad Output Switching Power Supply
More results

Similar Description - RQ-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
RM-8 AD-RM-8 Datasheet
127Kb / 1P
   8-Lead Mini Small Outline Package [MSOP] Dimensions shown in millimeters
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
   24-LEAD SHRINK SMALL OUTLINE PACKAGE
logo
List of Unclassifed Man...
TO247 ETC-TO247 Datasheet
39Kb / 2P
   HEXFET TO-247AC Outline Dimensions are shown in millimeters (inches)
logo
Fujitsu Component Limit...
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
   THIN SHRINK SMALL OUTLINE PACKAGE
logo
Amkor Technology
CSSOP AMKOR-CSSOP Datasheet
304Kb / 1P
   Ceramic Shrink Small Outline Package
logo
National Semiconductor ...
MTC16 NSC-MTC16 Datasheet
70Kb / 1P
   16 Lead Molded Thin Shrink Small Outline Package, JEDEC NS Package Number MTC16
logo
ACCUTEK MICROCIRCUIT CO...
AK06D300-QSOP ACCUTEK-AK06D300-QSOP_12 Datasheet
174Kb / 4P
   Quarter Size Small Outline Package QSOP DIP Adapters
logo
National Semiconductor ...
MTD48 NSC-MTD48 Datasheet
62Kb / 1P
   48 Lead Molded Thin Shrink Small Outline Package, JEDEC
logo
STMicroelectronics
TSSO20 STMICROELECTRONICS-TSSO20 Datasheet
57Kb / 4P
   20-LEAD THIN SHRINK SMALL OUTLINE
TSSOP14 STMICROELECTRONICS-TSSOP14 Datasheet
58Kb / 4P
   14-LEAD THIN SHRINK SMALL OUTLINE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com