Electronic Components Datasheet Search
Selected language     English  ▼


M-78H-NZ Datasheet(PDF) 3 Page - Make-Ps

Part No. M-78H-NZ
Description  Single Output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAKE-PS [Make-Ps]
Homepage  http://www.make-ps.com
Logo 

   
 3 page
background image
3 of 3
Derating
Typical Application Circuit
M-78HXX-NZ
C1
22µF
C2
100µF
3
1
2
Vin
GND
Vout
GND
C1: A low ESR capacitor is required to keep the noise of the converter to a minimum.
Ceramic capacitors are recommended, but tantalum or electrolytic may be used. Typical value is 22µF / 50V.
C2: Installation of C2 is recommended but optional. Typical recommended value is 100µF / 25V electrolytic.
NOTE: This part is not designed for parallel operation.
Free Air Convection
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
71 C
º
E-mail:info@make-ps.com
www.make-ps.com
E-mail:info@make-ps.com




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl