Selected language     English  ▼


M-78R-NZ Datasheet(PDF) 1 Page - Make-Ps

Part No. M-78R-NZ
Description  Single Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAKE-PS [Make-Ps]
Homepage  http://www.make-ps.com
Logo 

   
 1 page
background image
M-78R-NZ
Up to 13 Watt | DC-DC Converter
1 of 4
FEATURES:
 3 Pin SIP Package
 Operating temperature -40°C to +85°C
Pin-out compatible with LM78XX Linear Regulators
Wide input range
 Continuous Short Circuit Protection
Very High Efficiency Up To 92%
 Non-Isolated Regulated Outputs
 Low ripple and noise
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Efficiency
Vin Min
(%)
Efficiency
Vin Max
(%)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Input Specifications
Nominal
Typical
Maximum
Units
Voltage range
See the table above
VDC
Filter
Capacitor
Quiescent Current
Vin=(LL-HL) at full load
5
10
mA
Output Specifications
Output Specifications
Conditions
Typical
Maximum
Units
Voltage accuracy
100% load
±3
%
Short Circuit protection
Continuous.
Short circuit restart
Auto recovery
Output current limit
5
A
Thermal shutdown
Internal IC junction
150
ºC
Dynamic load stability
10-100% load
±100
mV
Line voltage regulation
Vin=(LL-HL) at full load
±0.75
%
Load voltage regulation
10-100% load
±1
%
Temperature coefficient
-40°C to +85°C ambient
±0.03
%/
oC
Ripple & Noise
20MHz Bandwidth
45
mV p-p
Maximum Capacitive Load
1000
µF
General Specifications
Input Specifications
Conditions
Typical
Maximum
Units
Switching frequency
100% load
340
KHz
Operating temperature
With derating above 71°C
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic (UL94-V0 rated)
Weight
4
g
Dimensions (L x W x H)
0.45 X 0.35 X 0.69 inch
11.50 X 8.90 X 17.50 mm
MTBF
> 2 000 000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Soldering Temperature
1.5 mm from case for 10 sec
300
oC
www.make-ps.com
E-mail:info@make-ps.com
Single
Output
DC/DC Converter
M-78R2.5-NZ
M-78R3.3-NZ
M-78R5.0-NZ
M-78R6.5-NZ
4.75-18
4.75-18
7-18
8.5-18
2.5
3.3
5
6.5
2
85
87
91
92
83
86
88
91
2
2
2




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl