Selected language     English  ▼


M-7812-NZ Datasheet(PDF) 1 Page - Make-Ps

Part No. M-7812-NZ
Description  Single Output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAKE-PS [Make-Ps]
Homepage  http://www.make-ps.com
Logo 

   
 1 page
background image
1 of 3
FEATURES:
• No heatsink required
• Operating temperature -40°C to +85°C
• 3 Pin SIP package
• Very high efficiency up to 96%
• Non-isolated
• Pin compatible to multiple manufacturers
• Low ripple and noise
• Regulated outputs
• RoHS compliant
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Efficiency
Vin Max (%)
Efficiency
Vin Min (%)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage range
See the table above
VDC
Filter
Capacitor
Quiescent current
Vin=(LL-HL) at 0% load
13
mA
Short circuit consumption
1.8
W
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
100% load
±3
%
Short circuit protection
Continuous
Short circuit restart
Auto recovery
Output current limit
2
A
Thermal shutdown
Internal IC junction
160
oC
Line voltage regulation
Vin=(LL-HL) at full load
±1
%
Load voltage regulation
10-100% load
±0.75
%
Temperature coefficient
-40°C to +85°C ambient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
35
mV p-p
Max capacitive load
1000
uF
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
With derating above 71
oC
-40 to +85
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic (UL94V-0 rated)
Weight
2
g
Dimensions (L x W x H)
0.45 x 0.30 x 0.40 inches
11.50 x 7.55 x 10.20 mm
MTBF
> 2 000 000 hrs (MIL-HDBK-217F, Ground Benign, t=+25
oC)
Soldering temperature
1.5 mm from case for 10 sec
300
oC
www.make-ps.com
E-mail:info@make-ps.com
www.make-ps.com
E-mail:info@make-ps.com
Single
Output
DC/DC Converter
Up to 7.5 Watt | DC-DC Converter
Series M-78-NZ
M-783.3-NZ
M-785.0-NZ
M-786.5-NZ
M-789.0-NZ
M-7812-NZ
M-7815-NZ
3.3
5
6.5
9
12
15
500
500
500
500
500
500
4.5-30
6.5-30
8-30
11-30
15-30
18-30
77
81
85
89
92
93
90
94
95
95
96
96




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl