Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX68A Datasheet(PDF) 2 Page - Seme LAB

Part # BDX68A
Description  PNP DARLINGTON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDX68A Datasheet(HTML) 2 Page - Seme LAB

  BDX68A Datasheet HTML 1Page - Seme LAB BDX68A Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BDX68A
BDX68A
BDX68B
BDX68C
LAB
SEME
Prelim. 1/95
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise stated)
ICBO
Collector Cut-off Current
ICEO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
hFE*
D.C. Current Gain
VBE*
Base – Emitter Voltage
VCEsat*
Collector - Emitter
Saturation Voltage
Cc
Collector Capacitance
fhfe
Cut-off Frequency
ïhfeï
Small Signal Current Gain
VF
Diode, Forward Voltage
ton
Turn–on Time
toff
Turn–off Time
IE = 0
VCB = VCBOmax
IE = 0
VCB = ½VCBOmax
TJ = 200°C
IB = 0
VCE = ½VCEOmax
IC = 0
VEB = –5V
IC = –5A
VCE = –3V
IC = –20A
VCE = –3V
IC = –30A
VCE = –3V
IC = –20A
VCE = –3V
IC = –20A
IB = –80mA
IE = Ie = 0
VCB = –10V
f = 1MHz
IC = –10A
VCE = –3V
IC = –10A
VCE = –3V
f = 1MHz
IF = 20A
ICon = –20A
IBon = –IBoff = –80mA
2
10
6
10
3000
1000
1000
2.5
2
600
60
20
2
1
3.5
mA
mA
mA
V
V
pF
kHz
V
ms
* Pulse Test: tp < 300ms, d < 2%
Parameter
Test Conditions
Min.
Typ.
Max.
Units


Similar Part No. - BDX68A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDX68A ISC-BDX68A Datasheet
230Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDX68A NJSEMI-BDX68A Datasheet
75Kb / 2P
   PNP DARLINGTON POWER TRANSISTOR
More results

Similar Description - BDX68A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2N6036 MCC-2N6036_13 Datasheet
731Kb / 4P
   PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDX68 NJSEMI-BDX68 Datasheet
75Kb / 2P
   PNP DARLINGTON POWER TRANSISTOR
logo
Micro Commercial Compon...
2N6036 MCC-2N6036 Datasheet
666Kb / 4P
   PNP Darlington Power Transistor
logo
Solid States Devices, I...
SFT6036 SSDI-SFT6036 Datasheet
181Kb / 4P
   PNP Darlington Power Transistor
logo
STMicroelectronics
FW26025A1 STMICROELECTRONICS-FW26025A1 Datasheet
35Kb / 4P
   PNP POWER DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
CP547 CENTRAL-CP547 Datasheet
206Kb / 2P
   Power Transistor PNP - Darlington Chip
logo
New Jersey Semi-Conduct...
2SB880 NJSEMI-2SB880 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB885 NJSEMI-2SB885 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB886 NJSEMI-2SB886 Datasheet
75Kb / 2P
   Silicon PNP Darlington Power Transistor
2SB1226 NJSEMI-2SB1226 Datasheet
128Kb / 2P
   Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com