Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX63C Datasheet(PDF) 2 Page - Seme LAB

Part # BDX63C
Description  NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDX63C Datasheet(HTML) 2 Page - Seme LAB

  BDX63C Datasheet HTML 1Page - Seme LAB BDX63C Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise stated)
ICEO
Collector cut-off current
IEBO
Emitter cut-off current
hFE
D.C. current gain (note 1)
VBE
Base - emitter voltage (note 1)
Cc
Collector capacitance
fhfe
Cut-off frequency
ïhfeï
Small signal current gain
VF
Diode, forward voltage
IE = 0, VCB = VCEOmax
IE = 0, VCB = ½VCBOmax, Tj = 200°C
IB = 0, VCE = ½VCEOmax
IC = 0, VEB = 5V
IC = 0.5A, VCE = 3V
IC = 3A, VCE = 3V
IC = 8A, VCE = 3V
IC = 3A, VCE = 3V
IE = Ie = 0, VCB = 10V
IC = 3A, VCE = 3V
–IBoff = 0, ICon = 4.5 A
tp = 1ms, T = 100ms
IC = 3A, VCE = 3V, f = 1MHz
IF = 3A
0.2
2
0.5
5
2500
1000
2600
2.5
100
100
100
1.2
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
mA
mA
V
pF
kHz
V
Note 1: Measured under pulse conditions , tp < 300ms, d < 2%
2
E(BR)
Turn-off breakdown energy
with inductive load
hFE1/hFE2 D.C. current gain ratio of
complementary matched pairs
VCEsat
Collector - emitter saturation
voltage
IC = 3A, IB = 12mA
V
50
2.5
mJ
IC = 3A, VCE = 3V
ICBO
Collector cut-off current
mA
BDX63
BDX63A
BDX63B
BDX63C
R1 typ. 8K
W
R2 typ. 100
W
Circuit diagram.
Prelim. 7/93
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk


Similar Part No. - BDX63C

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDX63C COMSET-BDX63C Datasheet
152Kb / 4P
   NPN SILICON DARLINGTONS
logo
Inchange Semiconductor ...
BDX63C ISC-BDX63C Datasheet
88Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Comset Semiconductor
BDX63C COMSET-BDX63C Datasheet
83Kb / 4P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDX63C NJSEMI-BDX63C Datasheet
141Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
TT Electronics.
BDX63C TTELEC-BDX63C Datasheet
558Kb / 3P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
More results

Similar Description - BDX63C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX67 SEME-LAB-BDX67 Datasheet
24Kb / 2P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
logo
TT Electronics.
BDX63 TTELEC-BDX63 Datasheet
558Kb / 3P
   NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
logo
Fairchild Semiconductor
TIP120 FAIRCHILD-TIP120_08 Datasheet
540Kb / 5P
   NPN Epitaxial Darlington Transistor
TIP120TU FAIRCHILD-TIP120TU Datasheet
168Kb / 5P
   NPN Epitaxial Darlington Transistor
logo
Toshiba Semiconductor
2SD2206 TOSHIBA-2SD2206_06 Datasheet
119Kb / 4P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2695 TOSHIBA-2SD2695 Datasheet
131Kb / 5P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD1658 TOSHIBA-2SD1658_07 Datasheet
191Kb / 5P
   Silicon NPN Epitaxial Type (Darlington Power Transistor)
2SD2088 TOSHIBA-2SD2088_03 Datasheet
120Kb / 5P
   Silicon NPN Epitaxial Type (Darlington power transistor)
logo
List of Unclassifed Man...
2SD1210 ETC-2SD1210 Datasheet
41Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1392 ETC-2SD1392 Datasheet
69Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com