Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADF7XXXMB3Z Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-ADF7XXXMB3Z
Description  High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7XXXMB3Z Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-ADF7XXXMB3Z Datasheet HTML 5Page - Analog Devices EVAL-ADF7XXXMB3Z Datasheet HTML 6Page - Analog Devices EVAL-ADF7XXXMB3Z Datasheet HTML 7Page - Analog Devices EVAL-ADF7XXXMB3Z Datasheet HTML 8Page - Analog Devices EVAL-ADF7XXXMB3Z Datasheet HTML 9Page - Analog Devices EVAL-ADF7XXXMB3Z Datasheet HTML 10Page - Analog Devices EVAL-ADF7XXXMB3Z Datasheet HTML 11Page - Analog Devices EVAL-ADF7XXXMB3Z Datasheet HTML 12Page - Analog Devices EVAL-ADF7XXXMB3Z Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
ADF7023-J
Rev. 0 | Page 9 of 100
RECEIVER SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
2FSK/MSK INPUT SENSITIVITY, BIT ERROR RATE (BER)
At BER = 1E − 3, RF frequency = 915 MHz,
LNA and PA matched separately1
1.0 kbps
−116
dBm
Frequency deviation = 4.8 kHz,
IF filter bandwidth = 100 kHz
10 kbps
−111
dBm
Frequency deviation = 9.6 kHz,
IF filter bandwidth = 100 kHz
38.4 kbps
−107.5
dBm
Frequency deviation = 20 kHz,
IF filter bandwidth = 100 kHz
50 kbps
−106.5
dBm
Frequency deviation = 12.5 kHz,
IF filter bandwidth = 100 kHz
100 kbps
−105
dBm
Frequency deviation = 25 kHz,
IF filter bandwidth = 100 kHz
150 kbps
−104
dBm
Frequency deviation = 37.5 kHz,
IF filter bandwidth = 150 kHz
200 kbps
−103
dBm
Frequency deviation = 50 kHz,
IF filter bandwidth = 200 kHz
300 kbps
−100.5
dBm
Frequency deviation = 75 kHz,
IF filter bandwidth = 300 kHz
GFSK/GMSK INPUT SENSITIVITY, BER
At BER = 1E − 3, RF frequency = 954 MHz,
LNA and PA matched separately1
50 kbps
−107.4
dBm
Frequency deviation = 25 kHz,
IF filter bandwidth = 100 kHz
100 kbps
−105
dBm
Frequency deviation = 50 kHz,
IF filter bandwidth = 100 kHz
100 kbps
−106
dBm
Frequency deviation = 40 kHz,
IF filter bandwidth = 100 kHz
200 kbps
−102
dBm
Frequency deviation = 100 kHz,
IF filter bandwidth = 200 kHz
200 kbps
−103.3
dBm
Frequency deviation = 80 kHz,
IF filter bandwidth = 200 kHz
2FSK/MSK INPUT SENSITIVITY, PACKET ERROR RATE (PER)
At PER = 1%, RF frequency = 915 MHz,
LNA and PA matched separately,2
packet length = 128 bits, packet mode
1.0 kbps
−115.5
dBm
Frequency deviation = 4.8 kHz,
IF filter bandwidth = 100 kHz
9.6 kbps
−110.6
dBm
Frequency deviation = 9.6 kHz,
IF filter bandwidth = 100 kHz
38.4 kbps
−106
dBm
Frequency deviation = 20 kHz,
IF filter bandwidth = 100 kHz
50 kbps
−104.3
dBm
Frequency deviation = 12.5 kHz,
IF filter bandwidth = 100 kHz
100 kbps
−102.6
dBm
Frequency deviation = 25 kHz,
IF filter bandwidth = 100 kHz
150 kbps
−101
dBm
Frequency deviation = 37.5 kHz,
IF filter bandwidth = 150 kHz
200 kbps
−99.1
dBm
Frequency deviation = 50 kHz,
IF filter bandwidth = 200 kHz
300 kbps
−97.9
dBm
Frequency deviation = 75 kHz,
IF filter bandwidth = 300 kHz


Similar Part No. - EVAL-ADF7XXXMB3Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF7XXXMB3Z AD-EVAL-ADF7XXXMB3Z Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
EVAL-ADF7XXXMB3Z AD-EVAL-ADF7XXXMB3Z Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
More results

Similar Description - EVAL-ADF7XXXMB3Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
ADF7023 AD-ADF7023 Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com