Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5212 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG5212
Description  High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5212 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG5212 Datasheet HTML 4Page - Analog Devices ADG5212 Datasheet HTML 5Page - Analog Devices ADG5212 Datasheet HTML 6Page - Analog Devices ADG5212 Datasheet HTML 7Page - Analog Devices ADG5212 Datasheet HTML 8Page - Analog Devices ADG5212 Datasheet HTML 9Page - Analog Devices ADG5212 Datasheet HTML 10Page - Analog Devices ADG5212 Datasheet HTML 11Page - Analog Devices ADG5212 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADG5212/ADG5213
Rev. 0 | Page 8 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to VSS
48 V
VDD to GND
−0.3 V to +48 V
VSS to GND
+0.3 V to −48 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Peak Current, Sx or Dx Pin
60 mA (pulsed at 1 ms, 10%
duty cycle maximum)
Continuous Current, Sx or Dx2
Data + 15%
Temperature
Operating Range
−40°C to +125°C
Storage Range
−65°C to +150°C
Junction
150°C
Thermal Impedance, θJA
16-Lead TSSOP (4-Layer Board)
112.6°C/W
16-Lead LFCSP (4-Layer Board)
30.4°C/W
Reflow Soldering Peak
Temperature, Pb Free
260(+0/−5)°C
1 Overvoltages at the INx, Sx, and Dx pins are clamped by internal diodes.
Limit current to the maximum ratings given.
2 See Table 5.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating can be applied at any
one time.
ESD CAUTION


Similar Part No. - ADG5212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5204 AD-ADG5204 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5204BCPZ-RL7 AD-ADG5204BCPZ-RL7 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5204BRUZ AD-ADG5204BRUZ Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5204BRUZ-RL7 AD-ADG5204BRUZ-RL7 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
ADG5206 AD-ADG5206 Datasheet
427Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
More results

Similar Description - ADG5212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
logo
Vishay Siliconix
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
logo
Analog Devices
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com