Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX69B Datasheet(PDF) 1 Page - Seme LAB

Part # BDX69B
Description  NPN DARLINGTON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDX69B Datasheet(HTML) 1 Page - Seme LAB

  BDX69B Datasheet HTML 1Page - Seme LAB BDX69B Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
80V
100V
120V
140V
60V
80V
100V
120V
5V
5V
5V
5V
25A
40A
500mA
200W
200°C
–65 to 200°C
0.875°C / W
BDX69A
BDX69A
BDX69B
BDX69C
LAB
SEME
Prelim. 1/95
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
NPN
DARLINGTON
POWER
TRANSISTOR
NPN Darlington transistors for audio
output stages and general amplifier
and switching applications.
PNP complements are:
BDX68, BDX68A, BDX68B, BDX68C.
VCBO
Collector – Base Voltage (Open Emitter)
VCEO
Collector – Emitter Voltage (Open Base)
VEBO
Emitter – Base Voltage (Open Collector)
IC
Collector Current
ICM
Collector Current (Peak)
IB
Base Current
Ptot
Total Power Dissipation at TMB = 25°C
TJ
Maximum Junction Temperature
TSTG
Storage Junction Temperature
RqJ-MB
Thermal Resistance, Junction to Mounting Base.
MECHANICAL DATA
Dimensions in mm
ABSOLUTE MAXIMUM RATINGS
(Tcase = 25°C unless otherwise stated)
Case is collector
.
BDX
BDX
BDX
BDX
69
69A
69B
69C
BE
4. 2
26.6 max.
10.9
2. 5
12 .8
9.0 max.
TO3 Package.


Similar Part No. - BDX69B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDX69B ISC-BDX69B Datasheet
229Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDX69B NJSEMI-BDX69B Datasheet
75Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
More results

Similar Description - BDX69B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BU806 ONSEMI-BU806 Datasheet
48Kb / 4P
   NPN Darlington Power Transistor
March, 2001 ??Rev. 3
logo
Micro Commercial Compon...
2N6388 MCC-2N6388_13 Datasheet
623Kb / 4P
   NPN Darlington Power Transistor
logo
Seme LAB
PMD18D100 SEME-LAB-PMD18D100 Datasheet
21Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
NJVNJD35N04G ONSEMI-NJVNJD35N04G Datasheet
128Kb / 4P
   NPN Darlington Power Transistor
February, 2012 ??Rev. 5
logo
Seme LAB
PMD18K100 SEME-LAB-PMD18K100 Datasheet
21Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDX69 NJSEMI-BDX69 Datasheet
75Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
logo
STMicroelectronics
2STP535FP STMICROELECTRONICS-2STP535FP Datasheet
169Kb / 8P
   NPN power Darlington transistor
BDW83C STMICROELECTRONICS-BDW83C_07 Datasheet
115Kb / 8P
   NPN power Darlington transistor
logo
Micro Commercial Compon...
2N6388 MCC-2N6388 Datasheet
530Kb / 4P
   NPN Darlington Power Transistor
logo
ON Semiconductor
NJD35N04G ONSEMI-NJD35N04G_10 Datasheet
96Kb / 4P
   NPN Darlington Power Transistor
July, 2010 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com