Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1276-3ACPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1276-3ACPZ
Description  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1276-3ACPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1276-3ACPZ Datasheet HTML 3Page - Analog Devices ADM1276-3ACPZ Datasheet HTML 4Page - Analog Devices ADM1276-3ACPZ Datasheet HTML 5Page - Analog Devices ADM1276-3ACPZ Datasheet HTML 6Page - Analog Devices ADM1276-3ACPZ Datasheet HTML 7Page - Analog Devices ADM1276-3ACPZ Datasheet HTML 8Page - Analog Devices ADM1276-3ACPZ Datasheet HTML 9Page - Analog Devices ADM1276-3ACPZ Datasheet HTML 10Page - Analog Devices ADM1276-3ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
ADM1276
Rev. 0 | Page 7 of 48
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Address Set to 11
2
V
Connect to VCAP
Input Current for Address 11
3
10
μA
VADR = 2.0 V to VCAP; must not exceed the maximum allowable
current draw from VCAP
SERIAL BUS DIGITAL INPUTS
(SDA, SCL)
Input High Voltage
VIH
1.1
V
Input Low Voltage
VIL
0.8
V
Output Low Voltage
VOL
0.4
V
IOL = 4 mA
Input Leakage
ILEAK-PIN
−10
+10
μA
−5
+5
μA
Device is not powered
Nominal Bus Voltage
VDD
2.7
5.5
V
3 V to 5 V ± 10%
Capacitance for SDA, SCL
Pins
CPIN
5
pF
Input Glitch Filter
tSP
0
50
ns
SERIAL BUS TIMING CHARACTERISTICS
Table 2.
Parameter
Description
Min
Typ
Max
Unit
Test Conditions/Comments
fSCLK
Clock frequency
400
kHz
tBUF
Bus free time
1.3
μs
Following the stop condition of a read transaction
4.7
μs
Following the stop condition of a write transaction
tHD;STA
Start hold time
0.6
μs
tSU;STA
Start setup time
0.6
μs
tSU;STO
Stop setup time
0.6
μs
tHD;DAT
SDA hold time
300
900
ns
tSU;DAT
SDA setup time
100
ns
tLOW
SCL low time
1.3
μs
tHIGH
SCL high time
0.6
μs
tR
SCL, SDA rise time
20
300
ns
tF
SCL, SDA fall time
20
300
ns
Timing Diagram
tLOW
tBUF
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tHIGH
tR
tF
tSU;STO
P
S
S
P
VIH
VIL
VIH
VIL
SCL
SDA
Figure 2. Serial Bus Timing Diagram


Similar Part No. - ADM1276-3ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Similar Description - ADM1276-3ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Texas Instruments
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com