Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD15016 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PD15016
Description  150A Avg 1200 1600 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD15016 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PD15016 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD15016 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
─58─
■定格・特性曲線


Similar Part No. - PD15016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD15016 NIEC-PD15016 Datasheet
217Kb / 3P
   DIODE MODULE 150A/1200 to 1600V
logo
National Instruments Co...
PD15016 NI-PD15016_15 Datasheet
788Kb / 2P
   DIODE
More results

Similar Description - PD15016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT150S12 NIEC-PT150S12_1 Datasheet
283Kb / 2P
   150A Avg 1200 1600 Volts
PDT15012 NIEC-PDT15012 Datasheet
248Kb / 4P
   150A Avg 1200~1600 Volts
PD150S16 NIEC-PD150S16 Datasheet
127Kb / 2P
   150A Avg 1600 Volts
PD15116 NIEC-PD15116_1 Datasheet
26Kb / 1P
   150A Avg 1600 Volts
PDT15116 NIEC-PDT15116_1 Datasheet
412Kb / 3P
   150A Avg 1600 Volts
PD150KN16 NIEC-PD150KN16 Datasheet
160Kb / 2P
   DIODE 150A Avg 1600 Volts
PDT6012 NIEC-PDT6012_1 Datasheet
253Kb / 4P
   60A Avg 1200~1600 Volts
PDT10012 NIEC-PDT10012_1 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PT200S12 NIEC-PT200S12_1 Datasheet
123Kb / 2P
   200A Avg 1200~1600 Volts
PT76S12 NIEC-PT76S12_1 Datasheet
117Kb / 2P
   75A Avg 1200 1600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com