Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP197CB-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADP197CB-EVALZ
Description  5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197CB-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP197CB-EVALZ Datasheet HTML 4Page - Analog Devices ADP197CB-EVALZ Datasheet HTML 5Page - Analog Devices ADP197CB-EVALZ Datasheet HTML 6Page - Analog Devices ADP197CB-EVALZ Datasheet HTML 7Page - Analog Devices ADP197CB-EVALZ Datasheet HTML 8Page - Analog Devices ADP197CB-EVALZ Datasheet HTML 9Page - Analog Devices ADP197CB-EVALZ Datasheet HTML 10Page - Analog Devices ADP197CB-EVALZ Datasheet HTML 11Page - Analog Devices ADP197CB-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP197
Rev. 0 | Page 8 of 16
3
2
1
CH1 AMPL
266mA
CH1 100mA
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
B
W
ILOAD
VOUT
VEN
Figure 16. Typical Turn-On Time and Inrush Current, VIN = 1.9 V,
200 mA Load, COUT = 100 μF
3
2
1
CH1 AMPL
1.92A
CH1 1A
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
B
W
ILOAD
VOUT
VEN
Figure 17. Typical Turn-On Time and Inrush Current, VIN = 1.9 V, 2 A Load,
COUT = 100 μF
3
2
1
CH1 AMPL
222mA
CH1 100mA
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
B
W
ILOAD
VOUT
VEN
Figure 18. Typical Turn-On Time and Inrush Current, VIN = 5.5 V, 200 mA Load
3
2
1
CH1 AMPL
2.14A
CH1 1A
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
B
W
ILOAD
VOUT
VEN
Figure 19. Typical Turn-On Time and Inrush Current, VIN = 5.5 V, 2 A Load
3
2
1
CH1 AMPL
352mA
CH1 200mA
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
B
W
ILOAD
VOUT
VEN
Figure 20. Typical Turn-On Time and Inrush Current, VIN = 5.5 V,
200 mA Load, COUT = 100 μF
3
2
1
CH1 AMPL
2.12A
CH1 1A
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
B
W
ILOAD
VOUT
VEN
Figure 21. Typical Turn-On Time and Inrush Current, VIN = 5.5 V, 2 A Load,
COUT = 100 μF


Similar Part No. - ADP197CB-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1972 AD-ADP1972 Datasheet
415Kb / 18P
   Buck or Boost, PWM Controller for Battery Test Solutions
Rev. B
ADP1972-EVALZ AD-ADP1972-EVALZ Datasheet
415Kb / 18P
   Buck or Boost, PWM Controller for Battery Test Solutions
Rev. B
ADP1972ARUZ-R7 AD-ADP1972ARUZ-R7 Datasheet
415Kb / 18P
   Buck or Boost, PWM Controller for Battery Test Solutions
Rev. B
ADP1972ARUZ-RL AD-ADP1972ARUZ-RL Datasheet
415Kb / 18P
   Buck or Boost, PWM Controller for Battery Test Solutions
Rev. B
ADP1974 AD-ADP1974 Datasheet
416Kb / 19P
   Bidirectional, Synchronous PWM Controller for Battery Test and Formation
Rev. 0
More results

Similar Description - ADP197CB-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP196 AD-ADP196 Datasheet
402Kb / 13P
   5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP196 AD-ADP196 Datasheet
387Kb / 12P
   5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP1196 AD-ADP1196 Datasheet
417Kb / 12P
   5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch
REV. 0
ADP1290 AD-ADP1290 Datasheet
414Kb / 12P
   12 V, 2 A Logic Controlled High-Side Power Switch
logo
NXP Semiconductors
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
   Logic controlled high-side power switch
Rev. 1-7 July 2015
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
   Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
   Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
   Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
   Logic controlled high-side power switch
Rev. 2-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com