Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2127 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2127
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2127 Datasheet(HTML) 5 Page - Analog Devices

  ADP2127 Datasheet HTML 1Page - Analog Devices ADP2127 Datasheet HTML 2Page - Analog Devices ADP2127 Datasheet HTML 3Page - Analog Devices ADP2127 Datasheet HTML 4Page - Analog Devices ADP2127 Datasheet HTML 5Page - Analog Devices ADP2127 Datasheet HTML 6Page - Analog Devices ADP2127 Datasheet HTML 7Page - Analog Devices ADP2127 Datasheet HTML 8Page - Analog Devices ADP2127 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADP2126/ADP2127
Rev. A | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN to GND
−0.3 V to +6 V
EXTCLK to GND
−0.3 V to +6 V
SW, MODE to GND
−0.3 V to VIN
FB to GND
−0.3 V to +3.6 V
Operating Ambient Temperature (TA)
–40°C to +85°C1
Operating Junction Temperature (TJ)
at ILOAD = 500 mA
–40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
1 The maximum operating junction temperature (TJ (MAX)) supersedes the
maximum operating ambient temperature (TA (MAX)). See the Thermal
Considerations section for more information.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination.
THERMAL CONSIDERATIONS
The maximum operating junction temperature (TJ (MAX))
supersedes the maximum operating ambient temperature
(TA (MAX)) because the ADP2126/ADP2127 may be damaged
when the junction temperature limits are exceeded. Monitoring
ambient temperature does not guarantee that TJ is within the
specified temperature limits.
In applications with high power dissipation and poor PCB
thermal resistance, the maximum ambient temperature may
need to be derated. In applications with moderate power
dissipation and good PCB thermal resistance, the maximum
ambient temperature can exceed the maximum limit as long as
the junction temperature is within specification limits.
The operating junction temperature (TJ) of the device is dependent
on the ambient temperature (TA), the power dissipation of the
device (PD), and the junction-to-ambient thermal resistance of
the package (θJA). TJ is calculated using the following formula:
TJ = TA + (PD × θJA)
(1)
See the Applications Information section for further information
on calculating the operating junction temperature for a specific
application.
THERMAL RESISTANCE
θJA of the package is based on modeling and calculation using a
4-layer board. θJA is highly dependent on the application and
board layout. In applications where high maximum power
dissipation exists, attention to thermal board design is required.
The value of θJA may vary, depending on PCB material, layout,
and environmental conditions.
θJA is specified for worst-case conditions, that is, a device soldered
on a circuit board for surface-mount packages. θJA is determined
according to JEDEC Standard JESD51-9 on a 4-layer printed
circuit board (PCB).
Table 3. Thermal Resistance (4-Layer PCB)
Package Type
θJA
Unit
6-Ball Bumped Bare Die Sales
105
°C/W
6-Pad Embedded Wafer Level Package
105
°C/W
ESD CAUTION


Similar Part No. - ADP2127

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2127 AD-ADP2127 Datasheet
893Kb / 20P
   Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
Rev. B
ADP2127ACNZ-1.20R7 AD-ADP2127ACNZ-1.20R7 Datasheet
893Kb / 20P
   Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
Rev. B
ADP2127ACNZ1.260R7 AD-ADP2127ACNZ1.260R7 Datasheet
893Kb / 20P
   Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
Rev. B
More results

Similar Description - ADP2127

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2126 AD-ADP2126_V01 Datasheet
893Kb / 20P
   Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
Rev. B
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
   600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP3051 AD-ADP3051 Datasheet
428Kb / 16P
   500 mA PWM Step-Down DC-DC with Synchronous Rectifier
REV. 0
ADP3051 AD-ADP3051_15 Datasheet
437Kb / 16P
   500 mA PWM Step-Down DC-DC with Synchronous Rectifier
Rev. 0
logo
ON Semiconductor
NCP1511 ONSEMI-NCP1511 Datasheet
162Kb / 16P
   Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
January, 2005 ??Rev. 5
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
   500mA Synchronous Step-Down DC/DC Converters
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
   2A Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com