Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADV7511W-AKZ Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADV7511W-AKZ
Description  165 MHz, High Performance HDMI Transmitter 3D video support
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADV7511W-AKZ Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-ADV7511W-AKZ Datasheet HTML 2Page - Analog Devices EVAL-ADV7511W-AKZ Datasheet HTML 3Page - Analog Devices EVAL-ADV7511W-AKZ Datasheet HTML 4Page - Analog Devices EVAL-ADV7511W-AKZ Datasheet HTML 5Page - Analog Devices EVAL-ADV7511W-AKZ Datasheet HTML 6Page - Analog Devices EVAL-ADV7511W-AKZ Datasheet HTML 7Page - Analog Devices EVAL-ADV7511W-AKZ Datasheet HTML 8Page - Analog Devices EVAL-ADV7511W-AKZ Datasheet HTML 9Page - Analog Devices EVAL-ADV7511W-AKZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADV7511W
Rev. 0 | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DVDD
D12
2
3
4
7
6
5
1
8
9
10
12
13
14
15
16
11
47
46
45
42
43
44
48
41
40
39
37
36
35
34
33
38
17 18 19
20
21 22 23
24 25 26
27 28 29 30 31 32
64
63 62
61
60 59 58
57 56 55
54 53 52 51 50 49
PIN 1
TOP VIEW
(Not to Scale)
VSYNC
SPDIF
MCLK
I2S0
I2S1
I2S2
I2S3
SCLK
LRCLK
PVDD
DVDD
BGVDD
R_EXT
AVDD
HPD
D13
D14
D15
D16
D17
D18
D19
D20
D21
D22
D23
SDA
SCL
DDCSDA
DDCSCL
ADV7511W
NOTES
1. THE LQFP HAS AN EXPOSED PAD THAT SHOULD BE CONNECTED TO GROUND.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1, 11, 31, 51
DVDD
Power
1.8 V Power Supply. These pins should be filtered and as quiet as possible.
2
VSYNC
Input
Vertical Sync Input.
3
SPDIF
Input
SPDIF (Sony/Philips Digital Interface) Audio Input.
4
MCLK
Input
Audio Reference Clock Input.
5
I2S0
Input
I2S Channel 0 Audio Data Input.
6
I2S1
Input
I2S Channel 1 Audio Data Input.
7
I2S2
Input
I2S Channel 2 Audio Data Input.
8
I2S3
Input
I2S Channel 3 Audio Data Input.
9
SCLK
Input
I2S Audio Clock Input.
10
LRCLK
Input
Left/Right Channel Signal Input.
12
PVDD
Power
1.8 V PLL Power Supply.
13
BGVDD
Power
Band Gap Power Supply.
14
R_EXT
Input
This pin sets the internal reference currents.
15, 19, 25
AVDD
Power
1.8 V Power Supply for TMDS Outputs.
16
HPD
Input
Hot Plug™ Detect Signal Input.
17, 18
TXC−, TXC+
Differential output
Differential TMDS Clock Output.
20, 21
TX0−, TX0+
Differential output
Differential TMDS Output Channel 0.
22
PD
Input
Power-Down Control and I2C Address Selection.
23, 24
TX1−, TX1+
Differential output
Differential TMDS Output Channel 1.
26, 27
TX2−, TX2+
Differential output
Differential TMDS Output Channel 2.
28
INT
Output
Interrupt Signal Output.
29
DVDD_3V
Power
3.3 V Power Supply.


Similar Part No. - EVAL-ADV7511W-AKZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADV7511W-AKZ AD-EVAL-ADV7511W-AKZ Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
More results

Similar Description - EVAL-ADV7511W-AKZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
AD9389 AD-AD9389_15 Datasheet
1Mb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9389 AD-AD9389 Datasheet
908Kb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com