Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP084N06L3G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPP084N06L3G
Description  OptiMosTM3 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP084N06L3G Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPP084N06L3G Datasheet HTML 1Page - Infineon Technologies AG IPP084N06L3G Datasheet HTML 2Page - Infineon Technologies AG IPP084N06L3G Datasheet HTML 3Page - Infineon Technologies AG IPP084N06L3G Datasheet HTML 4Page - Infineon Technologies AG IPP084N06L3G Datasheet HTML 5Page - Infineon Technologies AG IPP084N06L3G Datasheet HTML 6Page - Infineon Technologies AG IPP084N06L3G Datasheet HTML 7Page - Infineon Technologies AG IPP084N06L3G Datasheet HTML 8Page - Infineon Technologies AG IPP084N06L3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Jf]R
IPB081N06L3 G IPP084N06L3 G
"%&$!"#
3 Power-Transistor
Features
R#562 =7@C9:89 7C
6BF6? 4J DH:E
49:? 8 2 ? 5 DJ? 4 C
64
R) AE
:> :K65 E
649? @=
@8J 7@C    4@? G6C
E
6C
D
R I46=
=
6? E82 E
6 492 C
86 IR 9I"\[# AC@5F4E ) ' 
R( 492 ? ? 6=
 =
@8:4 =
6G6=
R  2 G2 =
2 ? 496 E
6DE
65
R* 3 7C
66 A=
2 E
:? 8 , @" - 4@> A=
:2 ? E
R+ F2 =
:7:65 2 44@C
5:? 8 E
@ $    
)# 7@CE2C86E2 AA=:42 E:@? D
R" 2 =
@86? 7C
66 2 44@C
5:? 8 E
@ #      
Maximum ratings,
2 ET W   U  F? =
6DD@E
96C
H:D6 DA64:7:65
Parameter
Symbol Conditions
Unit
 @? E
:? F@FD5C
2 :? 4FC
C
6? E
I 9
T 8   U
*#
-(
6
T 8 U
-(
* F=
D65 5C
2 :? 4FC
C
6? E
+#
I 9$]bY`R
T 8   U
*((
 G2 =
2 ? 496 6? 6C
8J D:? 8=
6 AF=
D6
,#
E 6I
I 9    R =I   "
,+
Z@
!2 E
6 D@FC
46 G@=
E
2 86
V =I
r*(
K
* @H6C5:DD:A2 E
:@?
P a\a
T 8   U
/1
L
) A6C
2 E
:? 8 2 ? 5 DE
@C
2 86 E
6> A6C
2 E
FC
6
T W T `aT
   
U
,# -66 7:8FC6 7@C>@C6 56E2:=65 :? 7@C>2 E:@?
Value
)#$ -.  2 ? 5 $  -  
*#  FCC6? E:D=:>:E65 3 J 3 @? 5H:C6 H:E92 ? R
aU@8 % 0
E
96 49:A :D2 3 =
6 E
@ 42 C
C
J   
+# -66 7:8FC6  7@C>@C6 56E2:=65 :? 7@C>2 E:@?
V 9I
.(
K
R  -@? >2 I-'  
0&)
Z"
I 9
-(
6
Product Summary
Type
#*  (  &  !
#* *   (  &  !
Package
F=%JE*.+%+
F=%JE**(%+
Marking
(0)D(.B
(0,D(.B
, 6G   
A2 86
 


Similar Part No. - IPP084N06L3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP084N06L3G INFINEON-IPP084N06L3G Datasheet
433Kb / 11P
   OptiMOS?? Power-Transistor
Rev. 2.24 2012-11-28
logo
VBsemi Electronics Co.,...
IPP084N06L3G VBSEMI-IPP084N06L3G Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Infineon Technologies A...
IPP084N06L3G INFINEON-IPP084N06L3G_12 Datasheet
433Kb / 11P
   OptiMOS?? Power-Transistor
Rev. 2.24 2012-11-28
More results

Similar Description - IPP084N06L3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
   OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPB107N20N3G INFINEON-IPB107N20N3G_11 Datasheet
696Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.3 2011-07-14
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
   OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com