Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP100N04S4-02 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPP100N04S4-02
Description  OptiMOS-T2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP100N04S4-02 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPP100N04S4-02 Datasheet HTML 1Page - Infineon Technologies AG IPP100N04S4-02 Datasheet HTML 2Page - Infineon Technologies AG IPP100N04S4-02 Datasheet HTML 3Page - Infineon Technologies AG IPP100N04S4-02 Datasheet HTML 4Page - Infineon Technologies AG IPP100N04S4-02 Datasheet HTML 5Page - Infineon Technologies AG IPP100N04S4-02 Datasheet HTML 6Page - Infineon Technologies AG IPP100N04S4-02 Datasheet HTML 7Page - Infineon Technologies AG IPP100N04S4-02 Datasheet HTML 8Page - Infineon Technologies AG IPP100N04S4-02 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IPB100N04S4-H2
IPI100N04S4-H2, IPP100N04S4-H2
OptiMOS
®-T2 Power-Transistor
Features
• N-channel - Enhancement mode
• AEC qualified
• MSL1 up to 260°C peak reflow
• 175°C operating temperature
• Green Product (RoHS compliant)
• 100% Avalanche tested
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Unit
Continuous drain current
1)
I D
T C=25°C, V GS=10V
100
A
T C=100°C, V GS=10V
2)
100
Pulsed drain current
2)
I D,pulse
T C=25°C
400
Avalanche energy, single pulse
2)
E AS
I D=50A
280
mJ
Avalanche current, single pulse
I AS
-
100
A
Gate source voltage
V GS
-
±20
V
Power dissipation
P tot
T C=25°C
115
W
Operating and storage temperature
T j, T stg -
-55 ... +175
°C
IEC climatic category; DIN IEC 68-1
-
-
55/175/56
Value
V DS
40
V
R DS(on),max (SMD version)
2.4
m
I D
100
A
Product Summary
PG-TO220-3-1
PG-TO262-3-1
PG-TO263-3-2
Type
Package
Marking
IPB100N04S4-02
PG-TO263-3-2
4N04H2
IPI100N04S4-02
PG-TO262-3-1
4N04H2
IPP100N04S4-02
PG-TO220-3-1
4N04H2
Rev. 1.0
page 1
2010-04-13


Similar Part No. - IPP100N04S4-02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP100N04S4-H2 INFINEON-IPP100N04S4-H2 Datasheet
140Kb / 9P
   OptiMOS짰-T2 Power-Transistor
Rev. 1.0 2012-07-02
More results

Similar Description - IPP100N04S4-02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N04S4L-04 INFINEON-IPB80N04S4L-04 Datasheet
165Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-13
IPD90N06S4-07 INFINEON-IPD90N06S4-07 Datasheet
169Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB45N06S4L-08 INFINEON-IPB45N06S4L-08 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB90N06S4-04 INFINEON-IPB90N06S4-04 Datasheet
175Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB120N06S4-02 INFINEON-IPB120N06S4-02 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB180N06S4-H1 INFINEON-IPB180N06S4-H1 Datasheet
181Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-25
IPD25N06S4L-30 INFINEON-IPD25N06S4L-30 Datasheet
173Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N06S4L-23 INFINEON-IPD30N06S4L-23 Datasheet
168Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N03S4L-09 INFINEON-IPD30N03S4L-09_10 Datasheet
140Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2010-10-05
IPB80N06S3L-06 INFINEON-IPB80N06S3L-06_07 Datasheet
191Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2007-11-07
IPB120N04S4-01 INFINEON-IPB120N04S4-01 Datasheet
164Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com