Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9001 Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # TS9001
Description  1.6V Nanopower Comparator with Internal Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9001 Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  TS9001 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9001 Datasheet HTML 8Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS9001
Page 2
TS9001DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC to VEE) ............................................ +6V
Voltage Inputs (IN+, IN-, REF) .... (VEE - 0.3V) to (VCC + 0.3V)
Output Voltage
TS9001-1................................. (VEE - 0.3V) to (VCC + 0.3V)
TS9001-2...............................................(VEE - 0.3V) to +6V
Current Into Input Pins ................................................ ±20mA
Output Current ............................................................ ±50mA
Output Short-Circuit Duration............................................10s
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (Derate 2.5mW/°C above +70°C) ....... 200 mW
Operating Temperature Range ...................... -40°C to +85°C
Junction Temperature ................................................ +150°C
Storage Temperature Range ....................... -65°C to +150°C
Lead Temperature (soldering, 10s) ............................... +300°
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TS9001-1IJ5
TAF
Tape
& Reel
3000
TS9001-2IJ5
TAG
Tape
& Reel
3000
Lead-free Program:
Touchstone Semiconductor supplies only lead-free packaging.
Please consult Touchstone Semiconductor for products specified with wider operating temperature ranges.


Similar Part No. - TS9001

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
   300mA CMOS Low Dropout Voltage Regulator with Enable
TS9001 TSC-TS9001 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS9001-1 SILABS-TS9001-1 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS9001-1IJ5 SILABS-TS9001-1IJ5 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
More results

Similar Description - TS9001

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com