Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM917 Datasheet(PDF) 7 Page - Touchstone Semiconductor Inc

Part # TSM917
Description  1.8V Nanopower Comparator with Internal 1.245V Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM917 Datasheet(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TSM917 Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 10Page - Touchstone Semiconductor Inc TSM917 Datasheet HTML 11Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TSM917
TSM917DS r1p0
Page 7
RTFDS
Propagation Delay (tPD+) at VCC = +5V
Propagation Delay (tPD-) at VCC = +3V
Propagation Delay (tPD-) at VCC = +5V
0
10
20
30
50
70
50
10
20
100
80
60
VCC =+1.8V
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
VCC =+1.8V
VCC =+5V
VCC =+3V
INPUT OVERDRIVE - mV
INPUT OVERDRIVE - mV
CAPACITIVE LOAD - nF
Propagation Delay (tPD-) vs Input Overdrive
Propagation Delay (tPD+) vs Capacitive Load
Propagation Delay (tPD+) vs Input Overdrive
20µs/DIV
20µs/DIV
20µs/DIV
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = +5V; VEE = 0V; CL = 15pF; VOVERDRIVE = 100mV; TA = +25°C, unless otherwise noted.
0.01
0.1
10
100
1000
1
80
60
40
0
120
100
20
60
40
30
40
80
0
10
20
30
50
40
40
20
0
120


Similar Part No. - TSM917

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
TSM917ESA SILABS-TSM917ESA Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
TSM917ESAT SILABS-TSM917ESAT Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
TSM917EUK SILABS-TSM917EUK Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
TSM917EUKT SILABS-TSM917EUKT Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
More results

Similar Description - TSM917

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com