Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM9117ESA+T Datasheet(PDF) 7 Page - Touchstone Semiconductor Inc

Part # TSM9117ESA+T
Description  1.6V Nanopower Comparators with/without Internal References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM9117ESA+T Datasheet(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TSM9117ESA+T Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM9117ESA+T Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM9117ESA+T Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM9117ESA+T Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM9117ESA+T Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM9117ESA+T Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM9117ESA+T Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM9117ESA+T Datasheet HTML 10Page - Touchstone Semiconductor Inc TSM9117ESA+T Datasheet HTML 11Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TSM9117-TSM9120
TSM9117_20DS r1p0
Page 7
RTFDS
TSM9117/9118 Reference Voltage
vs Supply Voltage
TSM9117/9118 Reference Voltage
vs Temperature
Offset Voltage vs Temperature
Hysteresis Voltage vs Temperature
SUPPLY VOLTAGE - Volt
2
2.2
2.4
2.6
2.8
6
5
4
3
2
4
6
8
10
VCC =+1.8V
VCC =+5V
VCC =+3V
TEMPERATURE - °C
TEMPERATURE - °C
VCC =+1.8V
VCC =+5V
VCC =+3V
TEMPERATURE - °C
SOURCE CURRENT- nA
VCC =+1.8V
VCC =+3V, 5V
SINK CURRENT- nA
VCC =+1.8V
VCC =+3V, 5V
TSM9117/9118 Reference Voltage
vs Reference Sink Current
TSM9117/9118 Reference Voltage
vs Reference Source Current
1.254
1.249
1.260
1.252
1.246
1.240
1.253
1.252
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = +5V; VEE = 0V; CL = 15pF; VOVERDRIVE = 100mV; TA = +25°C, unless otherwise noted.
0
2
4
6
8
10
0
1.250
1.254
1.256
1.258
1.248
1.244
1.242
1.260
1.252
1.246
1.240
1.250
1.254
1.256
1.258
1.248
1.244
1.242
-40
-15
10
35
85
60
-40
-15
10
35
85
60
1.260
1.252
1.246
1.240
1.250
1.254
1.256
1.258
1.248
1.244
1.242
1.251
1.250
-40
-15
10
35
85
60
4.5
5.5
3.5
2.5
4.5
1.5
5.5
3.5


Similar Part No. - TSM9117ESA+T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
More results

Similar Description - TSM9117ESA+T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com