Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM9120ESA+T Datasheet(PDF) 11 Page - Touchstone Semiconductor Inc

Part # TSM9120ESA+T
Description  1.6V Nanopower Comparators with/without Internal References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM9120ESA+T Datasheet(HTML) 11 Page - Touchstone Semiconductor Inc

Back Button TSM9120ESA+T Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM9120ESA+T Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM9120ESA+T Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM9120ESA+T Datasheet HTML 10Page - Touchstone Semiconductor Inc TSM9120ESA+T Datasheet HTML 11Page - Touchstone Semiconductor Inc TSM9120ESA+T Datasheet HTML 12Page - Touchstone Semiconductor Inc TSM9120ESA+T Datasheet HTML 13Page - Touchstone Semiconductor Inc TSM9120ESA+T Datasheet HTML 14Page - Touchstone Semiconductor Inc TSM9120ESA+T Datasheet HTML 15Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TSM9117-TSM9120
TSM9117_20DS r1p0
Page 11
RTFDS
PIN FUNCTIONS
TSM9117/TSM9118
TSM9119/TSM9120
NAME
FUNCTION
SC70
SO
SC70
SO
1
6
1
6
OUT
Comparator Output
2
4
2
4
VEE
Negative Supply Voltage
3
3
3
3
IN+
Comparator Noninverting Input
4
2
REF
1.252V Reference Output and
Comparator Inverting Input
5
7
5
7
VCC
Positive Supply Voltage
4
2
IN-
Comparator Inverting Input
1, 5, 8
1, 5, 8
NC
No Connection. Not internally connected.
BLOCK DIAGRAMS
DESCRIPTION OF OPERATION
Guaranteed to operate from +1.6V supplies, the
TSM9117 and the TSM9118 comparators only draw
600nA supply current, feature a robust input stage
that can tolerate input voltages 200mV beyond the
power supply rails, and include an on-board +1.252V
±1.75% voltage reference. The comparator-only
TSM9119 and the TSM9120 have the same attributes
and only draw a supply current of 350nA. To insure
clean output switching behavior, all four analog
comparators feature 4mV internal hysteresis. The
TSM9117 and the TSM9119’s push-pull output
drivers were designed to minimize supply-current
surges while driving ±5mA loads with rail-to-rail
output
swings.
The
open-drain
output
stage
TSM9118 and TSM9120 can be connected to supply
voltages above VCC to an absolute maximum of 6V
above VEE. Where wired-OR logic connections are
needed, their open-drain output stages make it easy
to use these analog comparators.
Input Stage Circuitry
The robust design of the analog comparators’ input
stage can accommodate any differential input voltage
from VEE - 0.2V to VCC + 0.2V. Input bias currents are
typically ±0.15nA so long as the applied input voltage
remains between the supply rails. ESD protection
diodes - connected internally to the supply rails -
protect
comparator
inputs
against
overvoltage
conditions. However, if the applied input voltage
exceeds either or both supply rails, an increase in
input current can occur when these ESD protection
diodes start to conduct.


Similar Part No. - TSM9120ESA+T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM9120 SILABS-TSM9120 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
More results

Similar Description - TSM9120ESA+T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com