Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVTFS5811NLTWG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVTFS5811NLTWG
Description  Power MOSFET 40 V, 6.7 m, 40 A, Single N?묬hannel Small Footprint
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTFS5811NLTWG Datasheet(HTML) 3 Page - ON Semiconductor

  NVTFS5811NLTWG Datasheet HTML 1Page - ON Semiconductor NVTFS5811NLTWG Datasheet HTML 2Page - ON Semiconductor NVTFS5811NLTWG Datasheet HTML 3Page - ON Semiconductor NVTFS5811NLTWG Datasheet HTML 4Page - ON Semiconductor NVTFS5811NLTWG Datasheet HTML 5Page - ON Semiconductor NVTFS5811NLTWG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVTFS5811NL
http://onsemi.com
3
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
012
345
Figure 1. On−Region Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
10 V
3.4 V
VGS = 5 V
4.2 V
4.6 V
3.8 V
3.6 V
3.0 V
3.2 V
4.0 V
TJ = 25°C
0
10
20
30
40
50
60
70
80
123
4
5
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (V)
0.004
0.006
0.008
0.010
0.012
0.014
0.016
24
6
8
10
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID = 20 A
TJ = 25°C
0.002
0.004
0.006
0.008
0.010
0.012
5
1015 2025303540 4550556065 70
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (A)
VGS = 4.5 V
TJ = 25°C
VGS = 10 V
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
−50
−25
0
25
50
75
100 125 150
175
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
VGS = 10 V
ID = 20 A
100
1000
10000
100000
10
20
30
40
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 125°C
TJ = 150°C
VGS = 0 V


Similar Part No. - NVTFS5811NLTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS5811NLTWG ONSEMI-NVTFS5811NLTWG Datasheet
126Kb / 6P
   Power MOSFET
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com