Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKAI90A2GD06-W12CI Datasheet(PDF) 6 Page - Semikron International

Part # SKAI90A2GD06-W12CI
Description  Three-phase IGBT inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKAI90A2GD06-W12CI Datasheet(HTML) 6 Page - Semikron International

  SKAI90A2GD06-W12CI Datasheet HTML 1Page - Semikron International SKAI90A2GD06-W12CI Datasheet HTML 2Page - Semikron International SKAI90A2GD06-W12CI Datasheet HTML 3Page - Semikron International SKAI90A2GD06-W12CI Datasheet HTML 4Page - Semikron International SKAI90A2GD06-W12CI Datasheet HTML 5Page - Semikron International SKAI90A2GD06-W12CI Datasheet HTML 6Page - Semikron International SKAI90A2GD06-W12CI Datasheet HTML 7Page - Semikron International SKAI90A2GD06-W12CI Datasheet HTML 8Page - Semikron International SKAI90A2GD06-W12CI Datasheet HTML 9Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SKAI 90 A2 GD06-W12CI
6
Rev. 9 – 20.04.2011
© by SEMIKRON
Power Connectors
Coolant fittings
X1:31
MP_DI_C1
INPUT
Isolated multipurpose digital port input
channel 1
Input voltage range = 0V … +10V;
Threshold voltage = 5V (±1.0);
Input impedance = 820 (±20%);
Input filter time constant = 200ns;
Isolation between input and logic ground =
100 VDC;
X1:32
MP_DI_C2
INPUT
Isolated multipurpose digital port input
channel 2
Input voltage range = 0V … +10V;
Threshold voltage = 5V (±1.0);
Input impedance = 820 (±20%);
Input filter time constant = 200ns;
Isolation between input and logic ground =
100 VDC;
X1:33
MP_DI_GND
Digital ground
Ground of multipurpose digital port input
channels
X1:34
MP_DO_C2
OUTPUT
Multipurpose digital port output channel 2
The unit provides multipurpose digital output
with overcurrent protection. The output is
switched to PWR_VP voltage by a high side
switch.
Output voltage range MP_DO_Cx = 0V …
PWR_VP, the ground for the digital output is
PWR_GND (X1:13).
Average output current per output IAverage,out =
1.0A;
Output current limit Iout,limit = 5A … 14A
(overtemperature range);
On-state recistance ≤ 300m;
X1:35
ENCLOSURE
INPUT/OUTPUT
Connected to the inverter enclosure by gore
EMI pads
Terminal
Function
cable harness cross section Cu / mm²
DC+
HVDC Bus "+"
≤ 70
DC-
HVDC Bus "-"
≤ 70
L1
Phase L1
≤ 70
L2
Phase L2
≤ 70
L3
Phase L3
≤ 70
Terminal
Function
IN
Coolant Inlet
OUT
Coolant Outlet
PIN
Signal
Function
Specifications


Similar Part No. - SKAI90A2GD06-W12CI

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKAI90A2GD06-W12DI SEMIKRON-SKAI90A2GD06-W12DI Datasheet
493Kb / 8P
   Three-phase IGBT inverter
More results

Similar Description - SKAI90A2GD06-W12CI

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKAI90A2GD06-W12DI SEMIKRON-SKAI90A2GD06-W12DI Datasheet
493Kb / 8P
   Three-phase IGBT inverter
SKAI90A2GD06-W24CI SEMIKRON-SKAI90A2GD06-W24CI Datasheet
526Kb / 9P
   Three-phase IGBT inverter
SKAI45A2GD12-W12DI SEMIKRON-SKAI45A2GD12-W12DI Datasheet
484Kb / 8P
   Three-phase IGBT inverter
SKAI90A2GD06-W24DI SEMIKRON-SKAI90A2GD06-W24DI Datasheet
493Kb / 8P
   Three-phase IGBT inverter
SKAI45A2GD12-W24DI SEMIKRON-SKAI45A2GD12-W24DI Datasheet
484Kb / 8P
   Three-phase IGBT inverter
SKAI45A2D12-W24CI SEMIKRON-SKAI45A2D12-W24CI Datasheet
517Kb / 9P
   Three-phase IGBT inverter
SKAI45A2GD12-W12CI SEMIKRON-SKAI45A2GD12-W12CI Datasheet
518Kb / 9P
   Three-phase IGBT inverter
IGD-4-424-P1F7-BL-FA SEMIKRON-IGD-4-424-P1F7-BL-FA Datasheet
495Kb / 5P
   Three phase inverter
IGD-8-424-P1F9-BH-FA SEMIKRON-IGD-8-424-P1F9-BH-FA Datasheet
531Kb / 5P
   Three phase inverter
logo
Powerex Power Semicondu...
PM100CL1B060 POWEREX-PM100CL1B060 Datasheet
611Kb / 5P
   Three Phase IGBT Inverter 100 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com