Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL54BFI Datasheet(PDF) 1 Page - Seme LAB

Part # BUL54BFI
Description  ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUL54BFI Datasheet(HTML) 1 Page - Seme LAB

  BUL54BFI Datasheet HTML 1Page - Seme LAB BUL54BFI Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUL54BFI
LAB
SEME
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
ADVANCED
DISTRIBUTED BASE DESIGN
HIGH VOLTAGE
HIGH SPEED NPN
SILICON POWER TRANSISTOR
• SEMEFAB DESIGNED AND DIFFUSED DIE
• HIGH VOLTAGE
• FAST SWITCHING
• HIGH ENERGY RATING
• MILITARY AND HI–REL VERSIONS
AVAILABLE IN METAL AND CERAMIC
SURFACE MOUNT PACKAGES
Designed for use in
electronic ballast applications
FEATURES
• Multi–base for efficient energy distribution
across the chip resulting in significantly
improved switching and energy ratings
across full temperature range.
• Ion implant and high accuracy masking for
tight control of characteristics from batch to
batch.
• Triple Guard Rings for improved control of
high voltages.
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IC = 0)
IC
Continuous Collector Current
IC(PK)
Peak Collector Current
IB
Base Current
Ptot
Total Dissipation at Tcase = 25°C
Tstg
Operating and Storage Temperature Range
800V
400V
10V
5A
8A
3A
30W
–55 to +150°C
MECHANICAL DATA
Dimensions in mm
12 3
10.2
3.6 Dia.
1.3
0.85
2.54 2.54
ISOLATED TO220
Pin 1 – Base
Pin 2 – Collector
Pin 3 – Emitter
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)


Similar Part No. - BUL54BFI

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUL54B SEME-LAB-BUL54B Datasheet
18Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL54BSMD SEME-LAB-BUL54BSMD Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
More results

Similar Description - BUL54BFI

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUL54A SEME-LAB-BUL54A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL54B SEME-LAB-BUL54B Datasheet
18Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL55A SEME-LAB-BUL55A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL55B SEME-LAB-BUL55B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL58A SEME-LAB-BUL58A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL62B SEME-LAB-BUL62B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL74B SEME-LAB-BUL74B Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL76A SEME-LAB-BUL76A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL49A SEME-LAB-BUL49A Datasheet
16Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL52BFI SEME-LAB-BUL52BFI Datasheet
18Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
BUL53A SEME-LAB-BUL53A Datasheet
19Kb / 2P
   ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com